Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041D Datasheet (PDF) - Texas Instruments

TLV9041D Datasheet PDF - Texas Instruments
Part # TLV9041D
Download  TLV9041D Download
File Size   2256.17 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications

TLV9041D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9041D Datasheet PDF - Texas Instruments

Part # TLV9041D
Download  TLV9041D Click to download

File Size   2256.17 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications

TLV9041D Datasheet (HTML) - Texas Instruments


TLV9041D Product details

1 Features
• Wide Gain bandwidth product: 3.1MHz
• Low quiescent current: 16μA/ch
• Operational from supply voltage as low as 1.2V
• Low integrated noise (0.1Hz - 10Hz): 4.5μVp-p
• Low input offset voltage: ±0.5mV
• Low input bias current: 1pA
• Rail-to-rail input and output
• Decompensated, Gain ≥ 10V/V (Stable)
• Integrated RFI and EMI filters
• Extended industrial temperature range: –40°C to
125°C
• For unity gain stable version, see:
TLV9041/TLV9042/TLV9044

2 Applications
• Portable Electronics
• Flow Transmitter
• Smoke Detector
• Active Filters
• Audio Microphone Preamplifier
• Low Side Current Sensing
• Temperature Transmitter
• Pressure Transmitter
• Motion detector (PIR, uWave, etc.)
• Pulse Oximeter

3 Description
The TLV904xD family includes single (TLV9041D)
and dual (TLV9042D) decompensated operational
amplifiers optimized for high efficiency in ultra-lowvoltage
applications. Operating from 1.2V to 5.5V
with rail-to-rail input and output swing, this family of
amplifiers deliver an exceptional gain bandwidth of
3.1MHz with only 16μA of quiescent current. The
TLV904xD enables high gain circuit configurations
and longevity in battery powered systems. The
availability of miniature packages also allow this
amplifier family to be used effectively in high density
board applications.
The TLV904xD is among the few amplifiers in the
industry capable of operating at supply voltages
as low as 1.2V, making the family well suited for
1.5V coin cell applications. The high gain bandwidth
eliminates the need for cascaded amplifier stages
in signal conditioning and filtering applications such
as field transmitters, motion detectors, and personal
electronics, simplifying design while reducing both
board space and overall system power consumption.




Similar Part No. - TLV9041D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9041D TI2-TLV9041D Datasheet
2Mb / 40P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
DECEMBER 2025
TLV9041D TI2-TLV9041D Datasheet
2Mb / 45P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
REVISED MARCH 2026
TLV9041D TI2-TLV9041D Datasheet
3Mb / 50P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
REVISED JULY 2026
TLV9041DDBVR TI2-TLV9041DDBVR Datasheet
2Mb / 45P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
REVISED MARCH 2026
TLV9041DDBVR TI2-TLV9041DDBVR Datasheet
3Mb / 50P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
REVISED JULY 2026
More results


Similar Description - TLV9041D

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS14C232J ROCHESTER-DS14C232J Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
TLV9042 TI1-TLV9042 Datasheet
943Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V01 Datasheet
944Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V02 Datasheet
1Mb / 28P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI-TLV9042_V03 Datasheet
4Mb / 54P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041 Datasheet
4Mb / 62P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V01 Datasheet
5Mb / 63P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V02 Datasheet
5Mb / 67P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
REVISED AUGUST 2021
TLV9041 TI-TLV9041_V03 Datasheet
5Mb / 61P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
TLV9041 TI-TLV9041_V04 Datasheet
5Mb / 72P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com