Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXG1020 Datasheet (PDF) - Texas Instruments

TXG1020 Datasheet PDF - Texas Instruments
Part # TXG1020
Download  TXG1020 Download
File Size   2209.62 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG102x 2-bit, ±10V Ground-Level Translator

TXG1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXG1020 Datasheet PDF - Texas Instruments

Part # TXG1020
Download  TXG1020 Click to download

File Size   2209.62 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG102x 2-bit, ±10V Ground-Level Translator

TXG1020 Datasheet (HTML) - Texas Instruments


TXG1020 Product details

1 Features
• Supports DC shifts up to ±10V
• AC Noise Rejection of 20VPP up to 45MHz
• CMTI of 1kV/μs
• Low Prop Delay (<5ns) and Ch-Ch Skew (<0.20ns)
• Greater than 250Mbps
• Low power consumption (0.8mA per channel at
1Mbps, 1.8V)
• Fully configurable dual-rail design allows each port
to operate from 1.71V to 5.5V
• 4, 2, 1 channel devices with multiple configurations
will be available
• Two device variants:
– TXG1020: 2 forward
– TXG1021: 1 forward, 1 reverse
• Supports VCC disconnect feature (I/Os are forced
into high-Z)
• Schmitt-trigger inputs allows for slow and noisy
signals
• Inputs with integrated static pull-down resistors
prevent channels from floating
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100mA per JESD
78, class II
– ESD protection exceeds JESD 22
– 2500V human-body model
– 500V charged-device model
• Package options provided:
– DSG (WSON-8)
– DDF (SOT-8)
– D (SOIC-8)

2 Applications
• Test and Measurement
• Industrial Automation
• Appliances
• Robotics
• Avionics

3 Description
The TXG102x is a 2-bit, fixed direction, non-galvanic
based voltage and ground-level translator that can
support both logic-level shifting between 1.71V to
5.5V and ground-level shifting up to ±10V. Compared
to traditional level shifters, the TXG102x family can
solve the challenges of voltage translation across
different ground levels. The Simplified Diagram shows
a common use case where DC shift occurs between
GNDA to GNDB due to parasitic resistance or
capacitance.
VCCA is referenced to GNDA and VCCB is referenced
to GNDB. Ax pins are referenced to VCCA logic level
while Bx pins are referenced to VCCB logic levels.
Both A port and B port can accept voltages from
1.71V to 5.5V. The leakage between GNDA and
GNDB is <40nA when VCC to GND is shorted.
The TXG102x device helps improve noise immunity
and power sequencing across different ground
domains while providing low power consumption,
latency and channel-to-channel skew. It can supress
noise levels of 20VPP up to 45MHz (Figure 8-3). This
device can support multiple interfaces such as UART,
GPIO, and JTAG.




Similar Part No. - TXG1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG1020 TI2-TXG1020 Datasheet
1Mb / 34P
TXG102x 2-bit, ±10V Ground-Level Translator
JUNE 2025
TXG1020 TI2-TXG1020 Datasheet
2Mb / 38P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
MAY 2025
TXG1020 TI2-TXG1020 Datasheet
1Mb / 40P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
TXG1020 TI2-TXG1020 Datasheet
3Mb / 44P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
REVISED MARCH 2026
TXG1020 TI2-TXG1020 Datasheet
3Mb / 47P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
More results


Similar Description - TXG1020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
NLSX4373 ONSEMI-NLSX4373_13 Datasheet
145Kb / 12P
2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com