Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6410-6 Datasheet (PDF) - Analog Devices

LTC6410-6 Datasheet PDF - Analog Devices
Part # LTC6410-6
Download  LTC6410-6 Download
File Size   351.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance

LTC6410-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6410-6 Datasheet PDF - Analog Devices

Part # LTC6410-6
Download  LTC6410-6 Click to download

File Size   351.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance

LTC6410-6 Datasheet (HTML) - Analog Devices


LTC6410-6 Product details

FEATURES
n 1.4GHz –3dB Bandwidth
n Fixed Voltage Gain of 6dB (50Ω System)
n Confi gurable Input Impedance Allows:
Simple Interface to Active Mixers
Improved Noise Performance
n Wide 2.8V to 5.25V Supply Range
n Low Distortion:
36dBm OIP3 (70MHz)
33dBm OIP3 (140MHz)
31dBm OIP3 (300MHz)
n Low Noise:
11dB NF (50Ω ZIN)
8dB NF (200Ω ZIN)
n Differential Inputs and Outputs
n Self-Biasing Inputs/Outputs
n Shutdown Mode
n Minimal Support Circuitry Required
n 16-Lead 3mm × 3mm × 0.8mm QFN Package




Similar Part No. - LTC6410-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6410-6 LINER-LTC6410-6 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
More results


Similar Description - LTC6410-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com