Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV60K3225R2 Datasheet (PDF) - Bourns Electronic Solutions

PV60K3225R2 Datasheet PDF - Bourns Electronic Solutions
Part # PV60K3225R2
Download  PV60K3225R2 Download
File Size   1686.75 Kbytes
Page   14 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Low & Medium Voltage Plastic-Encapsulated Varistors

PV60K3225R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PV60K3225R2 Datasheet PDF - Bourns Electronic Solutions

Part # PV60K3225R2
Download  PV60K3225R2 Click to download

File Size   1686.75 Kbytes
Page   14 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Low & Medium Voltage Plastic-Encapsulated Varistors

PV60K3225R2 Datasheet (HTML) - Bourns Electronic Solutions


PV60K3225R2 Product details

Features
n Formerly a product
n Two model sizes available - 3255 & 4032
n Operating voltage range (Vdc) 14 V to 385 V
n Operating voltage (Vrms) 11 V to 300 V
n +85 °C Continuous operating temperature
n UL 94 V-0 Non-flammable thermoplastic
encapsulation
n Easily solderable tinned copper sheet
n Available in tape and reel packaging for
automatic pick-and-place
n RoHS compliant*

General Information
The PV series of low and medium voltage plastic-encapsulated varistors is designed
to protect electronic equipment against voltage surges in the low and medium voltage
region. They offer direct SMD equivalents to leaded disc varistors of 5 and 7 mm sizes.
The thermoplastic encapsulation is non-flammable and UL 94 V-0 rated. Contacts are
made of tinned copper sheet.
PV series varistors are designed for surface mounting and are available in two model
sizes.
These transient voltage suppressors cover an operating voltage Vrms from 11 V to
300 V, featuring maximum surge currents from 100 A to 1200 A.

Applications
n Electricity meters
n White goods
n Entertainment electronics
n Power supplies
n Distribution panels
n Sensors




Similar Part No. - PV60K3225R2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PV60K3225R2 BOURNS-PV60K3225R2 Datasheet
1Mb / 14P
PV Series - Low & Medium Voltage Plastic-Encapsulated Varistors
REV. B 02/20
More results


Similar Description - PV60K3225R2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
Plastic Encapsulated Device
logo
Silonex Inc.
NSL-19M51 SILONEX-NSL-19M51 Datasheet
22Kb / 1P
Plastic Encapsulated
logo
List of Unclassifed Man...
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Kemet Corporation
VP3225K101R011 KEMET-VP3225K101R011 Datasheet
1Mb / 14P
Surface Mount Varistors VP Series Plastic Encapsulated
logo
Bourns Electronic Solut...
ZV2M0603300HT BOURNS-ZV2M0603300HT Datasheet
1Mb / 23P
Low Voltage, High Temperature Varistors
SV60K5 BOURNS-SV60K5 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
ZVY SEI-ZVY Datasheet
507Kb / 6P
Low Voltage SMD Varistors
08/19/2019
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com