Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26400Y Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM26400Y Datasheet PDF - National Semiconductor (TI)
Part # LM26400Y
Download  LM26400Y Download
File Size   2451.79 Kbytes
Page   24 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2A, 500kHz Wide Input Range Buck Regulator

LM26400Y Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26400Y Datasheet PDF - National Semiconductor (TI)

Part # LM26400Y
Download  LM26400Y Click to download

File Size   2451.79 Kbytes
Page   24 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2A, 500kHz Wide Input Range Buck Regulator

LM26400Y Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM26400Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
LM26400YMHX/NOPB TI-LM26400YMHX/NOPB Datasheet
4Mb / 33P
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
LM26400YSD/NOPB TI-LM26400YSD/NOPB Datasheet
4Mb / 33P
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results


Similar Description - LM26400Y

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
Dual 2A, 500kHz Wide Input Range Buck Regulator
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com