Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71010B25 Datasheet (PDF) - Renesas Technology Corp

ISL71010B25 Datasheet PDF - Renesas Technology Corp
Part # ISL71010B25
Download  ISL71010B25 Download
File Size   1723.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, 2.5V Precision Voltage Reference

ISL71010B25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71010B25 Datasheet PDF - Renesas Technology Corp

Part # ISL71010B25
Download  ISL71010B25 Click to download

File Size   1723.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, 2.5V Precision Voltage Reference

ISL71010B25 Datasheet (HTML) - Renesas Technology Corp


ISL71010B25 Product details

▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ Reference output voltage: 2.5V ±0.05%
▪ Accuracy over temperature/radiation: ±0.15%
▪ Output voltage noise: 1.9μVP-P typical (0.1Hz to
10Hz)
▪ Supply current: 930μA (typical)
▪ Temperature coefficient: 10ppm/°C (max)
▪ Output current capability: 20mA
▪ Line regulation: 18ppm/V (max)
▪ Load regulation: 17ppm/mA (max)
▪ NiPdAu-Ag lead finish (Sn free)
▪ Dielectrically isolated PR40 process
▪ Operating temperature range: -55°C to +125°C
▪ Passes NASA Low Outgassing Specifications
▪ TID Radiation Lot Acceptance Testing (RLAT)
(LDR: ≤10mrad(Si)/s)
• ISL71010BM30B25Z: 30krad(Si)
• ISL71010BM50B25Z: 50krad(Si)
▪ SEE Characterization
• No DSEE for VIN = 39V at 43MeV·cm2/mg
• VOUT SET shorter than 20μs and |ΔVOUT| ≤
235mV at 28MeV·cm2/mg




Similar Part No. - ISL71010B25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Similar Description - ISL71010B25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com