Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R9A02G015 Datasheet (PDF) - Renesas Technology Corp

R9A02G015 Datasheet PDF - Renesas Technology Corp
Part # R9A02G015
Download  R9A02G015 Download
File Size   2530.68 Kbytes
Page   55 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB Power Delivery Controller)

R9A02G015 Datasheet (PDF)

Go To PDF Page Download Datasheet
R9A02G015 Datasheet PDF - Renesas Technology Corp

Part # R9A02G015
Download  R9A02G015 Click to download

File Size   2530.68 Kbytes
Page   55 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB Power Delivery Controller)

R9A02G015 Datasheet (HTML) - Renesas Technology Corp


R9A02G015 Product details

Ultra-low power consumption technology
- VDD = single power supply voltage of 2.7 to 5.5 V
- HALT mode
- STOP mode
SNOOZE mode

RL78 CPU core
- CISC architecture with 3-stage pipeline
- Minimum instruction execution time: 0.04167 μs:
@ 24 MHz operation with high-speed on-chip oscillator
- Multiply/divide/multiply & accumulate instructions are supported.
- Address space: 1 MB
- General-purpose registers: (8-bit register × 8) × 4 banks
- On-chip RAM: 7 KB




Similar Part No. - R9A02G015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R9A02G020 RENESAS-R9A02G020 Datasheet
1Mb / 64P
ASSP EASY for motor control based on RISC-V
Rev.1.10 Apr 15, 2022
R9A02G021 RENESAS-R9A02G021 Datasheet
1Mb / 72P
32-Bit MCU based on RISC-V
Feb 29, 2024
R9A02G0214CBY RENESAS-R9A02G0214CBY Datasheet
1Mb / 72P
32-Bit MCU based on RISC-V
Feb 29, 2024
R9A02G0214CNE RENESAS-R9A02G0214CNE Datasheet
1Mb / 72P
32-Bit MCU based on RISC-V
Feb 29, 2024
R9A02G0214CNH RENESAS-R9A02G0214CNH Datasheet
1Mb / 72P
32-Bit MCU based on RISC-V
Feb 29, 2024
More results


Similar Description - R9A02G015

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Rohm
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com