Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

322451 Datasheet (PDF) - TE Connectivity Ltd

322451 Datasheet PDF - TE Connectivity Ltd
Part # 322451
Download  322451 Download
File Size   700.74 Kbytes
Page   60 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices

322451 Datasheet (PDF)

Go To PDF Page Download Datasheet
322451 Datasheet PDF - TE Connectivity Ltd

Part # 322451
Download  322451 Click to download

File Size   700.74 Kbytes
Page   60 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices

322451 Datasheet (HTML) - TE Connectivity Ltd


322451 Product details

Product Facts
■ SOLISTRAND
Terminals and Splices
■ Utilize a brazed seam
■ Applied with “W” crimp
tooling
■ Available in wire sizes
26 AWG – 600 MCM
[0.1–304 mm2
]
■ For terminating solid
& stranded wires
■ U.L. Listed
CSA Certified
Military Approved
■ Budget
Terminals and Splices
■ Utilize a butted seam
■ Applied with “F” crimp
tooling
■ Availble in wire
sizes 26 – 10 AWG
[0.1–6.64 mm2
]
■ For terminating stranded
wire only
■ U.L. Listed
■ DIAMOND GRIP
Terminals and Splices
■ Utilize a butted seam
■ Metal insulation support
sleeve with “V” notches
■ Applied with a “C” crimp
■ Available in wire sizes
26-10 AWG (0.1-6.64 mm2
)
■ For terminating stranded
wire only
■ U.L. Listed
CSA Certified




Similar Part No. - 322451

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
32245INS KLEIN-32245INS Datasheet
2Mb / 2P
VDE INSULATED SCREWDRIVERS
Rev. 5/16 A
More results


Similar Description - 322451

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
Tool and Die Selection Chart for AMP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com