Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4410 Datasheet (PDF) - Analog Devices

MAX4410 Datasheet PDF - Analog Devices
Part # MAX4410
Download  MAX4410 Download
File Size   729.2 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80mW, DirectDrive Stereo Headphone Driver with Shutdown

MAX4410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4410 Datasheet PDF - Analog Devices

Part # MAX4410
Download  MAX4410 Click to download

File Size   729.2 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80mW, DirectDrive Stereo Headphone Driver with Shutdown

MAX4410 Datasheet (HTML) - Analog Devices


MAX4410 Product details

Features
♦ No Bulky DC-Blocking Capacitors Required
♦ Ground-Referenced Outputs Eliminate DC-Bias
Voltages on Headphone Ground Pin
♦ No Degradation of Low-Frequency Response Due
to Output Capacitors
♦ 80mW Per Channel into 16Ω
♦ Low 0.003% THD + N
♦ High PSRR (90dB at 1kHz)
♦ Integrated Click-and-Pop Suppression
♦ 1.8V to 3.6V Single-Supply Operation
♦ Low Quiescent Current
♦ Independent Left/Right, Low-Power
Shutdown Controls
♦ Short-Circuit and Thermal Overload Protection
♦ ±8kV ESD-Protected Amplifier Outputs
♦ Available in Space-Saving Packages
16-Bump UCSP (2mm x 2mm x 0.6mm)
14-Pin TSSOP




Similar Part No. - MAX4410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410 MAXIM-MAX4410 Datasheet
122Kb / 4P
No DC-Blocking Capacitors Required
Rev. 0; 7/02
MAX4410EUD MAXIM-MAX4410EUD Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
No DC-Blocking Capacitors Required
Rev. 0; 7/02
More results


Similar Description - MAX4410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com