| Manufacturer | Part # | Datasheet | Description |
 Allegro MicroSystems |
5364
|
156Kb / 8P |
SMOKE DETECTOR WITH INTERCONNECT
|
 Belden Inc. |
53647
|
445Kb / 2P |
M23 Power Field Attachable Connector: Male, straight, 19-pin, silver housing, 50 V AC / 60 V DC
|
 MolexKits |
53647-0274
|
38Kb / 2P |
SMT Header Plug and Receptacle
|
|
53647-0274
|
47Kb / 6P |
Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
|
 Molex Electronics Ltd. |
53647-0274
|
337Kb / 6P |
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuitswith Embossed Tape with Cover Packaging
|