Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890404126003CS Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

890404126003CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 890404126003CS
Download  890404126003CS Download
File Size   908.5 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTY2 Y2/X1 Film Capacitors

890404126003CS Datasheet (PDF)

Go To PDF Page Download Datasheet
890404126003CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890404126003CS
Download  890404126003CS Click to download

File Size   908.5 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTY2 Y2/X1 Film Capacitors

890404126003CS Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


890404126003CS Product details

General Information:
X1 or Y2 - Safety Class Capacitor; MKP - Metallized Polypropylene
Operating Temperature -40 °C up to +110 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 10 % rH up to 75 % rH
Maximum Selfheating (Rated) 10 °C
Moisture Sensitivity Level (MSL) 1
Climatic Category 40/ 110/ 56/ B
Application Across the mains or line to ground
Test conditions of electrical properties: +20 °C, 35 % rH if not specified differently
FIT according to separate documentation




Similar Part No. - 890404126003CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890404123001CS WURTH-890404123001CS Datasheet
1Mb / 9P
WCAP-FTY2 Y2/X1 Film Capacitors
001.000
890404123003CS WURTH-890404123003CS Datasheet
961Kb / 8P
WCAP-FTY2 Y2/X1 Film Capacitors
001.000
890404123005CS WURTH-890404123005CS Datasheet
960Kb / 8P
WCAP-FTY2 Y2/X1 Film Capacitors
001.000
890404123007CS WURTH-890404123007CS Datasheet
960Kb / 8P
WCAP-FTY2 Y2/X1 Film Capacitors
001.000
890404125004CS WURTH-890404125004CS Datasheet
958Kb / 8P
WCAP-FTY2 Y2/X1 Film Capacitors
001.000
More results


Similar Description - 890404126003CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-3550 VISHAY-F1740-3550 Datasheet
62Kb / 2P
Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
02-Oct-00
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
03-Oct-02
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Murata Manufacturing Co...
GA355DR7GC472KY02L MURATA-GA355DR7GC472KY02L Datasheet
44Kb / 1P
X1/Y2 Class Certified Products
logo
Vishay Siliconix
F17103101000 VISHAY-F17103101000 Datasheet
312Kb / 3P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
15-Oct-07
logo
Wurth Elektronik GmbH &...
890493423001CS WURTH-890493423001CS Datasheet
1Mb / 7P
WCAP-FTBE Film Capacitors
890493428013CS WURTH-890493428013CS Datasheet
1Mb / 7P
WCAP-FTBE Film Capacitors
890273325005CS WURTH-890273325005CS Datasheet
1Mb / 7P
WCAP-FTBP Film Capacitors
890273325009CS WURTH-890273325009CS Datasheet
1Mb / 7P
WCAP-FTBP Film Capacitors
logo
RFE international
Y2X1 RFE-Y2X1 Datasheet
4Mb / 4P
Y2/X1 AC Film Capacitors Y2X1 Series: Interference Suppressor, 300Vac
26-JUN-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com