Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK7238 Datasheet (PDF) - Beken Corporation

BK7238 Datasheet PDF - Beken Corporation
Part # BK7238
Download  BK7238 Download
File Size   831.06 Kbytes
Page   47 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description BK7238 Datasheet

BK7238 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK7238 Datasheet PDF - Beken Corporation

Part # BK7238
Download  BK7238 Click to download

File Size   831.06 Kbytes
Page   47 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description BK7238 Datasheet

BK7238 Datasheet (HTML) - Beken Corporation


BK7238 Product details

Features
Wi-Fi
• IEEE 802.11 b/g/n 1x1 compliant
• Supports 20 MHz channel
• STBC supported
• Working mode STA, AP, Direct
• Concurrent AP + STA
• TX power up to +19 dBm
• RX sensitivity -99 dBm
Bluetooth Low Energy
• Bluetooth 5.2 Low Energy (LE)
• Supports Bluetooth Low Energy 1 Mbps, 2 Mbps, and long range (125 kbps and 500 kbps)
• Advertising extensions
• Bluetooth direction finding: Angle of Arrival (AoA) and Angle of Departure (AoD)
• Supports an antenna array with up to 16 antennas for precise positioning
Core
• 32-bit MCU at up to 160 MHz
• UART Flash download
• JTAG debug interface
Memory
• SiP Flash: 1 MB, 2 MB, or none
• 288 KB RAM
• 4-byte eFuse
Clock Management
• External oscillator: 26 MHz crystal oscillator (XTALH)
• Internal oscillator: 26–160 MHz digitally controlled oscillator (DCO), 32 kHz ring oscillator (ROSC)
• 480 MHz DPLL
Power Management
• 2.7 to 3.6 V VBAT supply
• On-chip Power-On Reset (POR) and Brown-Out Detector (BOD)
• Embedded LDO regulators
• Low power consumption:
- Active mode RX: 30 mA
- Normal sleep mode: 300 μA
- Low-voltage sleep mode: 75 μA
- Shutdown mode: 0.5 μA




Similar Part No. - BK7238

ManufacturerPart #DatasheetDescription
logo
Beken Corporation
BK7231N BEKEN-BK7231N Datasheet
582Kb / 21P
802.11n Bluetooth DM 5.1
v 1.0 2020.9.25
BK7231NQN32 BEKEN-BK7231NQN32 Datasheet
582Kb / 21P
802.11n Bluetooth DM 5.1
v 1.0 2020.9.25
More results


Similar Description - BK7238

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U2033EZUI-12G MCNIX-MX25U2033EZUI-12G Datasheet
1Mb / 69P
DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
DATASHEET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com