Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1312V18 Datasheet (PDF) - Cypress Semiconductor

CY7C1312V18 Datasheet PDF - Cypress Semiconductor
Part # CY7C1312V18
Download  CY7C1312V18 Download
File Size   47.58 Kbytes
Page   5 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Errata Document for CY7C1312V18 & CY7C1314V18

CY7C1312V18 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1312V18 Datasheet PDF - Cypress Semiconductor

Part # CY7C1312V18
Download  CY7C1312V18 Click to download

File Size   47.58 Kbytes
Page   5 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Errata Document for CY7C1312V18 & CY7C1314V18

CY7C1312V18 Datasheet (HTML) - Cypress Semiconductor


CY7C1312V18 Product details

Functional Description
The CY7C1310V18/CY7C1312V18/CY7C1314V18 are 1.8V Synchronous Pipelined SRAMs, equipped with QDR™-II architecture. QDRTM-II architecture consists of two separate ports to access the memory array. The Read port has dedicated Data Outputs to support Read operations and the Write Port has dedicated Data Inputs to support Write operations.

Features
• Separate Independent Read and Write Data Ports
    — Supports concurrent transactions
• 167-MHz Clock for High Bandwidth
• Two-word Burst on all accesses
• Double Data Rate (DDR) interfaces on both Read & Write Ports (data transferred at 333 MHz) @ 167MHz
• Two input clocks (K and K) for precise DDR timing
    — SRAM uses rising edges only
• Two output clocks (C and C) accounts for clock skew and flight time mismatches
• Echo clocks (CQ and CQ) simplify data capture in high speed systems
• Single multiplexed address input bus latches address inputs for both Read and Write ports
• Separate Port Selects for depth expansion
• Synchronous internally self-timed writes
• Available in x8, x18, and x36 configurations
• 1.8V core power supply with HSTL Inputs and Outputs
• 13x15 mm 1.0-mm pitch FBGA package, 165 ball (11x15 matrix)
• Variable drive HSTL output buffers
• Extended HSTL output voltage (1.4V–VDD)
• JTAG Interface
• On-chip Delay Lock Loop (DLL)




Similar Part No. - CY7C1312V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13121KV18 CYPRESS-CY7C13121KV18 Datasheet
890Kb / 32P
18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C13121KV18-300BZXC CYPRESS-CY7C13121KV18-300BZXC Datasheet
890Kb / 32P
18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1312AV18 CYPRESS-CY7C1312AV18 Datasheet
449Kb / 21P
18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1312AV18-133BZC CYPRESS-CY7C1312AV18-133BZC Datasheet
449Kb / 21P
18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1312AV18-167BZC CYPRESS-CY7C1312AV18-167BZC Datasheet
449Kb / 21P
18-Mb QDR-II SRAM 2-Word Burst Architecture
More results


Similar Description - CY7C1312V18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
ERRATA
logo
Motorola, Inc
DSP56311CE1K34A MOTOROLA-DSP56311CE1K34A Datasheet
230Kb / 14P
DSP56311 Device Errata for Mask
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
Silicon Errata
2006
DSPIC33FJXXXGPXXX_0612 MICROCHIP-DSPIC33FJXXXGPXXX_0612 Datasheet
228Kb / 10P
Silicon Errata
2006
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
Silicon Errata
2007
logo
Freescale Semiconductor...
MSE9S08QG8 FREESCALE-MSE9S08QG8 Datasheet
49Kb / 8P
Mask Set Errata for Mask 3M77B
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
Silicon Errata
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
Errata
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
Errata
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
Data Sheet Errata for Product Revision B
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com