Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP2291 Datasheet (PDF) - Shenzhen Developer Microelectronics Co., Ltd

DP2291 Datasheet PDF - Shenzhen Developer Microelectronics Co., Ltd
Part # DP2291
Download  DP2291 Download
File Size   1474.26 Kbytes
Page   14 Pages
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd
Description Offline Current Mode PWM Controller with Built-in CCRegulation

DP2291 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP2291 Datasheet PDF - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2291
Download  DP2291 Click to download

File Size   1474.26 Kbytes
Page   14 Pages
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd
Description Offline Current Mode PWM Controller with Built-in CCRegulation

DP2291 Datasheet (HTML) - Shenzhen Developer Microelectronics Co., Ltd


DP2291 Product details

FEATURES
 General Primary Side Constant-Current (CC)
Control Supports DCM and CCM Operation
 ± 5% CC Regulation, ± 1% CV Regulation
with Fast Dynamic Response
 CC Algorithm Compensates for Line
Variation and Transformer Inductance
Tolerance
 Less than 75mW Standby Power for sub
30W Application
 Current Mode Control
 Built-in Frequency Shuffling
 Fixed 65KHz Switching Frequency
 Green Mode and Burst Mode Control
 On-chip Thermal Shutdown
 Cycle-by-Cycle Current Limiting
 Built-in Leading Edge Blanking
 Built-in Slope Compensation
 Very Low Startup and Operation Current
 Available with SOT23-6 Package

GENERAL DESCRIPTIONDP2291 is a high performance current modePWMcontroller for offline flyback converter applications.The IC has built-in General Primary SideCCcontrol, which simplifies isolated power supplydesign that requires CC regulation of theoutput.
In DP2291, PWM switching frequencywithshuffling is fixed to 65KHz and is trimmedtotightrange. The IC has built-in green andburst modecontrol for light and zero loadings, whichcanachieve less than 75mWstandby power for sub30W applications.. DP2291 integrates functions and protectionsofUnder Voltage Lockout (UVLO), VDDover VoltageProtection (VDD OVP), Cycle-by-cycleCurrentLimiting (OCP), Short Load Protection(SLP), OverLoad Protection (OLP), On-ChipThermal
Shutdown (OTP), Soft Start, VDDClamping,etc.




Similar Part No. - DP2291

ManufacturerPart #DatasheetDescription
logo
Power-One
DP2210 POWER-ONE-DP2210 Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
Crydom Inc.,
DP2210 CRYDOM-DP2210 Datasheet
297Kb / 3P
Integrated Circuit Solid-State Relay
logo
Shenzhen Developer Micr...
DP2281 DEPUW-DP2281 Datasheet
1Mb / 8P
High Performance Current Mode PWM Controller
Rev.1.1 AUG 2013
More results


Similar Description - DP2291

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
logo
Silan Microelectronics ...
SD6835 SILAN-SD6835 Datasheet
279Kb / 9P
CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
SD4840 SILAN-SD4840 Datasheet
759Kb / 11P
CURRENT MODE PWM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
Silan Microelectronics ...
SD6834 SILAN-SD6834 Datasheet
558Kb / 9P
Built-in high voltage MOSFET current mode PWM PFM controller series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com