Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600TR Datasheet (PDF) - ON Semiconductor

PM6600TR Datasheet PDF - ON Semiconductor
Part # PM6600TR
Download  PM6600TR Download
File Size   768.62 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight

PM6600TR Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6600TR Datasheet PDF - ON Semiconductor

Part # PM6600TR
Download  PM6600TR Click to download

File Size   768.62 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight

PM6600TR Datasheet (HTML) - ON Semiconductor


PM6600TR Product details

Description
The PM6600 consists of a high efficiency monolithic boost converter and six controlled current generators (ROWs), specifically designed to supply LEDs arrays used in the backlight of LCD panels. The device can manage a nominal output voltage up to 36 V (i.e. 10 White-LEDs per ROW).

Features
■ Boost section
    – 4.7 V to 28 V input voltage range
    – Internal power MOSFET
    – Internal +5 V LDO for device supply
    – Up to 36 V output voltage
    – Constant frequency peak current-mode control
    – 200 kHz to 1 MHz adjustable switching frequency
    – External synchronization for multi-device application
    – Pulse-skip power saving mode at light load
    – Programmable soft-start
    – Programmable OVP protection
    – Stable with ceramic output capacitors
    – Thermal shutdown
■ Backlight driver section
    – Six rows with 30 mA maximum current capability (adjustable)
    – Up to 10 WLEDs per row
    – Unused rows detection
    – 500 ns minimum dimming time (1 % minimum dimming duty-cycle at 20 kHz)
    – ±2.1 % current accuracy
    – ±2 % current matching between rows
    – LED failure (open and short circuit) detection

Applications
■ Notebook monitors backlight
■ UMPC backlight




Similar Part No. - PM6600TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6600TR STMICROELECTRONICS-PM6600TR Datasheet
774Kb / 43P
6-row 32 mA LED driver with boost regulator for LCD panel backlight
07-Apr-2008
More results


Similar Description - PM6600TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
6-row 32 mA LED driver with boost regulator for LCD panel backlight
07-Apr-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
logo
Semtech Corporation
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
Backlight Driver for 6 LEDs with SemPulse짰 Interface
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
logo
STMicroelectronics
STEVAL-ISA056V1 STMICROELECTRONICS-STEVAL-ISA056V1 Datasheet
98Kb / 4P
6 rows - 30 mA LEDs driver with boost converter for LCD panels backlight evaluation board based on the PM6600
10-Mar-2008
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
Simple Structure Constant Current Backlight Driver for LCD panels
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com