Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK-S Datasheet (PDF) - Panasonic Semiconductor

LK-S Datasheet PDF - Panasonic Semiconductor
Part # LK-S
Download  LK-S Download
File Size   100.56 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TV-5 rated. High sensitivity: 250mW 1a 5A power relays

LK-S Datasheet (PDF)

Go To PDF Page Download Datasheet
LK-S Datasheet PDF - Panasonic Semiconductor

Part # LK-S
Download  LK-S Click to download

File Size   100.56 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TV-5 rated. High sensitivity: 250mW 1a 5A power relays

LK-S Datasheet (HTML) - Panasonic Semiconductor


LK-S Product details

FEATURES
1. High sensitivity
A nominal operating power of 250mW
and high sensitivity make it ideal for
energy saving (LK relay is 530mW).
2. High insulation resistance between
contact and coil
1) Creepage distance and clearances
between contact and coil: Min. 6 mm .236
inch (In compliance with IEC60065)
2) Surge withstand voltage between
contact and coil: 10,000 V
3. Popular terminal pitch in AV
equipment field
4. Space-saving slim type
Base area: Width 11 × Length 24 mm
Width .433 × Length .945 inch
5. Conforms to the various safety
standards
UL, CSA, VDE, TÜV and SEMKO
approved

TYPICAL APPLICATIONS
• Audio visual equipment
• Office equipment
• Home appliances




Similar Part No. - LK-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LK-3000 MINI-LK-3000 Datasheet
167Kb / 1P
Frequency Multiplier
LK-3000+ MINI-LK-3000+ Datasheet
167Kb / 1P
Frequency Multiplier
logo
OSRAM GmbH
LK-ACC-W01 OSRAM-LK-ACC-W01 Datasheet
104Kb / 6P
transparent holder
logo
KEYENCE CORPORATION
LK-H020 KEYENCE-LK-H020 Datasheet
518Kb / 2P
Sensor Head Spot Type
2014/01/15
More results


Similar Description - LK-S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
HE1AN-P-DC6V PANASONIC-HE1AN-P-DC6V Datasheet
113Kb / 7P
TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
TV-4 rated. 2a 3A/5A power relays Automatic vending machine
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
1a 10A TV-5 rated power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com