Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82032000 Datasheet (PDF) - GEDORE Werkzeugfabrik GmbH & Co. KG

82032000 Datasheet PDF - GEDORE Werkzeugfabrik GmbH & Co. KG
Part # 82032000
Download  82032000 Download
File Size   142.71 Kbytes
Page   1 Pages
Manufacturer  GEDORE [GEDORE Werkzeugfabrik GmbH & Co. KG]
Direct Link  https://www.gedore.com/
Logo GEDORE - GEDORE Werkzeugfabrik GmbH & Co. KG
Description VDE Stripping pliers STRIP with insulating sleeves

82032000 Datasheet (PDF)

Go To PDF Page Download Datasheet
82032000 Datasheet PDF - GEDORE Werkzeugfabrik GmbH & Co. KG

Part # 82032000
Download  82032000 Click to download

File Size   142.71 Kbytes
Page   1 Pages
Manufacturer  GEDORE [GEDORE Werkzeugfabrik GmbH & Co. KG]
Direct Link  https://www.gedore.com/
Logo GEDORE - GEDORE Werkzeugfabrik GmbH & Co. KG
Description VDE Stripping pliers STRIP with insulating sleeves

82032000 Datasheet (HTML) - GEDORE Werkzeugfabrik GmbH & Co. KG


82032000 Product details

Article description
• Self-adjusting, for wires 0.5 -5.0 mm²
• V-shaped cutting jaws for stripping the plastic insulation of single-and multi-core conductors
• GEDORE special hardened and tempered steel, drop-forged, oil-hardened and annealed
• Handles with VDE insulating sleeves up to 1000 V, acc. to EN 60900/IEC 60900




Similar Part No. - 82032000

ManufacturerPart #DatasheetDescription
logo
Carl Kammerling Interna...
82032000 CARL-82032000 Datasheet
583Kb / 11P
Redline VDE Pliers
05/02/2015
8203200000 CARL-8203200000 Datasheet
196Kb / 1P
C.K Ratchet Crimping Pliers - Pass Thru Mod Plugs
17 Feb 2022
8203200000 CARL-8203200000 Datasheet
927Kb / 1P
175mm Push Button Waterpump Pliers
11 Jun 2025 10:50AM
8203200000 CARL-8203200000 Datasheet
91Kb / 1P
Coax Cable Stripper
27 Jun 2019 10:25AM
logo
WAGO Kontakttechnik Gmb...
82032000000 WAGO-82032000000 Datasheet
124Kb / 1P
Spring clamp; large
30.01.2020
More results


Similar Description - 82032000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
logo
PHOENIX CONTACT
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
1207637 PHOENIX-1207637 Datasheet
49Kb / 2P
Stripping pliers - QUICK WIREFOX 6 SC
1212366 PHOENIX-1212366 Datasheet
49Kb / 2P
Stripping tool - WIREFOX 10 VDE
1212529 PHOENIX-1212529 Datasheet
48Kb / 2P
Pointed pliers - UNIFOX-PE VDE
2744636 PHOENIX-2744636 Datasheet
59Kb / 3P
Stripping tool - PSM-STRIP-KNIFEBLOCK
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Lapp.
21920005 LAPP-21920005 Datasheet
138Kb / 2P
UNIVERSAL STRIP STRIPPING TOOL
09.11.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com