Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD22CM Datasheet (PDF) - Teledyne Technologies Incorporated

LD22CM Datasheet PDF - Teledyne Technologies Incorporated
Part # LD22CM
Download  LD22CM Download
File Size   1332.89 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 5A/10A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay

LD22CM Datasheet (PDF)

Go To PDF Page Download Datasheet
LD22CM Datasheet PDF - Teledyne Technologies Incorporated

Part # LD22CM
Download  LD22CM Click to download

File Size   1332.89 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 5A/10A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay

LD22CM Datasheet (HTML) - Teledyne Technologies Incorporated


LD22CM Product details

FEATURES
• Available with short-circuit/current overload protection
• Available with switch status output
• TTL and CMOS compatible control
• Low ON resistance power FET output
• Fast switching speed
• Meets 28 Vdc system requirements of MIL-STD-704
• Optical isolation
• Low profile hermetic package
• Built and tested to the requirements of MIL-PRF-28750

DESCRIPTION
The Series KD and LD solid-state relays are screened
utilizing MIL-PRF-28750 test methods and are packaged
in low profile hermetically sealed cases. These relays are
constructed with state-of-the-art solid state techniques
and feature fully floating power FET output technology.
This allows the load to be connected to either output
terminal and provides a low ON resistance. The input
(control) and output are optically isolated to protect input
logic circuits from output transients. Available options
include short circuit and current overload protection,
which provides complete protection for both the relay and
system wiring. This feature not only provides protection
should a short or overload occur while the relay is on, but
will also provide protection should the relay be switched
into a short. The second option is a status output line.
Switch status returns the true status of the output switch
and is optically isolated from the load. It provides status
indication independent of the control circuit of the relay.
The status line provides a logic 0 (low) when the relay
output is off with load voltage and continuity present, and
a logic 1 (high) when the output is on. The KD and LD
series are ideal for applications switching 36, 28, 14, and
12Vdc.




Similar Part No. - LD22CM

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
LD2.5CHA WAVELENGTH-LD2.5CHA Datasheet
2Mb / 23P
Low Noise up to 15 A / 28 V Laser Diode Drivers
October 2024
logo
AVX Corporation
LD20 AVX-LD20 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD20 AVX-LD20 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
List of Unclassifed Man...
LD20 ETC2-LD20 Datasheet
326Kb / 6P
Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-10B03 MORNSUN-LD20-10B03 Datasheet
424Kb / 6P
AC/DC Converter
More results


Similar Description - LD22CM

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com