Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60400DBV Datasheet (PDF) - Texas Instruments

TPS60400DBV Datasheet PDF - Texas Instruments
Part # TPS60400DBV
Download  TPS60400DBV Download
File Size   1828.08 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Unregulated 60-mA Charge Pump Voltage Inverter

TPS60400DBV Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60400DBV Datasheet PDF - Texas Instruments

Part # TPS60400DBV
Download  TPS60400DBV Click to download

File Size   1828.08 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Unregulated 60-mA Charge Pump Voltage Inverter

TPS60400DBV Datasheet (HTML) - Texas Instruments


TPS60400DBV Product details

Features
• Inverts Input Supply Voltage
• Up to 60-mA Output Current
• Only Three Small 1-µF Ceramic Capacitors
Needed
• Input Voltage Range From 1.6 V to 5.5 V
• PowerSave-Mode for Improved Efficiency at LowOutput Currents (TPS60400)
• Device Quiescent Current Typical 65 µA
• Integrated Active Schottky-Diode for Start-up Into
Load
• Small 5-Pin SOT-23 Package
• Evaluation Module Available TPS60400EVM-178

Applications
• LCD Bias
• GaAs Bias for RF Power Amps
• Sensor Supply in Portable Instruments
• Bipolar Amplifier Supply
• Medical Instruments
• Battery-Operated Equipment

Description
The TPS6040x family of devices generates an
unregulated negative output voltage from an input
voltage ranging from 1.6 V to 5.5 V. The devices are
typically supplied by a preregulated supply rail of 5 V
or 3.3 V. Due to its wide input voltage range, two or
three NiCd, NiMH, or alkaline battery cells, as well as
one Li-Ion cell can also power them.
Only three external 1-µF capacitors are required to
build a complete DC-DC charge pump inverter.
Assembled in a 5-pin SOT-23 package, the complete
converter can be built on a 50-mm2 board area.
Additional board area and component count reduction
is achieved by replacing the Schottky diode that is
typically needed for start-up into load by integrated
circuitry.
The TPS6040x can deliver a maximum output current
of 60 mA with a typical conversion efficiency of
greater than 90% over a wide output current range.
Three device options with 20-kHz, 50-kHz, and 250-
kHz fixed-frequency operation are available.
TPS60400 comes with a variable switching frequency
to reduce operating current in applications with a wide
load range and enables the design with low-value
capacitors.




Similar Part No. - TPS60400DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400DBV TI-TPS60400DBV Datasheet
430Kb / 23P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVR TI1-TPS60400DBVR Datasheet
1Mb / 28P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVRG4 TI1-TPS60400DBVRG4 Datasheet
1Mb / 28P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVT TI1-TPS60400DBVT Datasheet
1Mb / 28P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVTG4 TI1-TPS60400DBVTG4 Datasheet
1Mb / 28P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Similar Description - TPS60400DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
Charge Pump Voltage Inverter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
logo
Texas Instruments
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
ON Semiconductor
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
Charge Pump Voltage Inverter IC
logo
Texas Instruments
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com