Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1550Z102F Datasheet (PDF) - Hammond Manufacturing Ltd.

1550Z102F Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1550Z102F
Download  1550Z102F Download
File Size   359.07 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Watertight Diecast Aluminum Enclosures w/ Flanges

1550Z102F Datasheet (PDF)

Go To PDF Page Download Datasheet
1550Z102F Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1550Z102F
Download  1550Z102F Click to download

File Size   359.07 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Watertight Diecast Aluminum Enclosures w/ Flanges

1550Z102F Datasheet (HTML) - Hammond Manufacturing Ltd.


1550Z102F Product details

Key Features:
Thick-wall diecast aluminum watertight electronic instrument enclosure.
Rugged diecast aluminum alloy is tough yet easy to machine.
Two piece tongue and groove construction for protection against access of dust and water.
Strong spot-welded bottom flange allows for easy mounting.
Unpainted version is vibra finished for a smooth surface with no sharp edges.
Textured black version is coated with tough polyester powder for a lasting finish, evenafter machining. Finish is applied outside and inside the enclosure.
Lid is secured with either two, four, or six stainless steel Philips head machine screws,depending on enclosure size.
Lid screws are outside the gasket protection area to eliminate the need for o-rings.
Lid screws are self-captivating on six sizes: 1550Z107F, 1550Z108F, 1550Z116F, 1550Z117F, 1550Z137F, and 1550Z139F. Lid holes are slightly undersized and threadedwith the first installation.
Gasket is pre-formed, one-piece silicone rubber and installs easily into lid groove.
Gasket has a temperature rating of -40°C to +150°C (-40°F to 302°F).
No internal ribs for easy installation of connectors without interference or additionalmilling.




Similar Part No. - 1550Z102F

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1550Z115 HAMMOND-1550Z115 Datasheet
529Kb / 1P
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1550Z115BK HAMMOND-1550Z115BK Datasheet
529Kb / 1P
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Similar Description - 1550Z102F

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
R100-200-000 HAMMOND-R100-200-000 Datasheet
36Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLOY FOUR M14 CAPTIVE SCREWS
R100-060-000 HAMMOND-R100-060-000 Datasheet
34Kb / 1P
MATERIAL-DIECAST ALUMINUM ALLOY-TWO M9 CAPTIVE SCREWS
R100-242-000 HAMMOND-R100-242-000 Datasheet
34Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLY - FOUR M14 CAPTIVE SCREWS
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Amphenol Corporation
P-MRJR-33XX-X1 AMPHENOL-P-MRJR-33XX-X1 Datasheet
87Kb / 2P
SHELL-DIECAST ZINC
P-MRJR-53XX-X1 AMPHENOL-P-MRJR-53XX-X1 Datasheet
190Kb / 2P
SHELL-DIECAST ZINC
P-MRJR-54XX-XF AMPHENOL-P-MRJR-54XX-XF Datasheet
89Kb / 2P
SHELL-DIECAST ZINC
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com