Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7950-X Datasheet (PDF) - Texas Instruments

AFE7950-X Datasheet PDF - Texas Instruments
Part # AFE7950-X
Download  AFE7950-X Download
File Size   16459.5 Kbytes
Page   126 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs

AFE7950-X Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7950-X Datasheet PDF - Texas Instruments

Part # AFE7950-X
Download  AFE7950-X Click to download

File Size   16459.5 Kbytes
Page   126 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs

AFE7950-X Datasheet (HTML) - Texas Instruments


AFE7950-X Product details

1 Features
• Request full data sheet
• Radiation hardness assured AFE7950-SP:
– Single-event latch up (SEL): 70MeV-cm2/mg
– RLAT Total ionizing dose (TID): 100krad (Si)
• Radiation tolerant AFE7950-SEP:
– Single-event latch up (SEL): 43MeV-cm2/mg
– RLAT Total ionizing dose (TID): 30krad (Si)
• Four RF sampling 12GSPS TX DACs
• Six RF sampling 3GSPS RX ADCs
• Maximum RF signal bandwidth: 1200MHz (or
2400MHz for 2TX)
• RF frequency range:
– TX: 600MHz to 12GHz
– RX: 5MHz to 12GHz
• Digital Step Attenuators (DSA):
– TX: 40dB range, 0.125dB steps
– RX or FB: 25dB range, 0.5dB steps
• Single or dual-band DUC or DDCs for TX and RX
• SerDes data interface:
– 8 SerDes transceivers up to 24.75Gbps
– JESD204B/C subclass 1 compatible
• Package: 17mm × 17mm FCBGA, 0.8mm pitch
• Screening:
– One fabrication, assembly, and test site
– Product traceability
– Extended product life cycle
– Extended product change notification
– Vendor item drawing
– Radiation lot acceptance Test (RLAT)
(AFE7950-Sx only)
– Meets ASTM E595 out gassing specification
(AFE7950-Sx only)
– Production burn-in (AFE7950-SP only)

2 Applications
• Satellite communications payload downlink
• Satellite telemetry payload downlink

3 Description
The AFE7950-x is a high performance, wide
bandwidth multi-channel transceiver, integrating four
RF sampling transmitter chains, four RF sampling
receiver chains and two RF sampling feedback chains
(six RF sampling ADCs total). With operation up to
12GHz, this device enables direct RF sampling in
the L, S, C and X-band frequency ranges without
the need for additional frequency conversions stages.
This improvement in density and flexibility enables
high-channel-count, multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 1200MHz
of signal bandwidth for four TX or 2400MHz for two
TX. The output of the DUCs drives a 12GSPS DAC
(digital to analog converter) with a mixed mode output
option to enhance 2nd Nyquist operation. The DAC
output includes a variable gain amplifier (TX DSA)
with 40dB range and 1dB analog and 0.125dB digital
steps.
Each receiver chain includes a 25dB range Digital
Step Attenuator (DSA), followed by a 3GSPS ADC
(analog-to-digital converter). Each receiver channel
has an analog peak power detector and various
digital power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
Flexible decimation options provide optimization of
data bandwidth up to 1200MHz for four RX without FB
paths or 600MHz with two FB paths (1200MHz BW
each).




Similar Part No. - AFE7950-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7950-X TI1-AFE7950-X Datasheet
14Mb / 125P
AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
MARCH 2024
More results


Similar Description - AFE7950-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7683 TI1-AFE7683 Datasheet
207Kb / 9P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com