| Electronic Components Datasheet Search |
|
2CL69A Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd. |
2CL69A Datasheet (PDF) |
|
Download Datasheet |
| Part # | 2CL69A |
| Download | 2CL69A Click to download |
| File Size | 113.92 Kbytes |
| Page | 1 Pages |
| Manufacturer | SHUNYE [Shanghai Shunye Electronics Co.,Ltd.] |
| Direct Link | http://www.shunyegroup.com.cn/ |
| Logo | |
| Description | 5mA 4kV HIGH VOLTAGE DIODES |
2CL69A Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd. |
2CL69A Product details |
|
Similar Part No. - 2CL69A |
|
Similar Description - 2CL69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |