Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N65 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

4N65 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # 4N65
Download  4N65 Download
File Size   5377.73 Kbytes
Page   9 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 650V N-Channel Planar MOSFET

4N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N65 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # 4N65
Download  4N65 Click to download

File Size   5377.73 Kbytes
Page   9 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 650V N-Channel Planar MOSFET

4N65 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


4N65 Product details

Description
650V N-Channel Planar MOSFET
4N65 is high voltage MOSFET family based on advanced
planar stripe DMOS technology. This advanced MOSFET
family has optimized on-state resistance, and also provides
superior switching performance and higher avalanche energy
strength. This device family is suitable for high efficiency switch
mode power supplies.

Features
RDSON≤2.6Ω @Vgs=10V, Id=2A
⚫ EMI and performance balanced
⚫ Fast switching capability
⚫ 100% avalanche tested
⚫ Improved dv/dt capability

Applications
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC) (PFC)
 Charger




Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65 UTC-4N65 Datasheet
390Kb / 8P
4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
136Kb / 2P
Drain Current ID= 4A@ TC=25C
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SHIKUES Electronics
SK04N65B SKTECHNOLGY-SK04N65B Datasheet
7Mb / 8P
650V N-ch Planar MOSFET
SK04N65B-TF SKTECHNOLGY-SK04N65B-TF Datasheet
1Mb / 9P
650V N-ch Planar MOSFET
SK05N65B SKTECHNOLGY-SK05N65B Datasheet
8Mb / 9P
650V N-ch Planar MOSFET
SK05N65B-TF SKTECHNOLGY-SK05N65B-TF Datasheet
7Mb / 9P
650V N-ch Planar MOSFET
SK07N65B SKTECHNOLGY-SK07N65B Datasheet
1Mb / 8P
650V N-ch Planar MOSFET
SK07N65B-TF SKTECHNOLGY-SK07N65B-TF Datasheet
1Mb / 8P
650V N-ch Planar MOSFET
SK10N65B-T SKTECHNOLGY-SK10N65B-T Datasheet
1Mb / 10P
650V N-ch Planar MOSFET
SK12N65B-T SKTECHNOLGY-SK12N65B-T Datasheet
1Mb / 9P
650V N-ch Planar MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com