Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBA013N08R1SBPW Datasheet (PDF) - Renesas Technology Corp

RBA013N08R1SBPW Datasheet PDF - Renesas Technology Corp
Part # RBA013N08R1SBPW
Download  RBA013N08R1SBPW Download
File Size   497.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80 V - 340 A - 1.3 mΩ - TOLT for Automotive

RBA013N08R1SBPW Datasheet (PDF)

Go To PDF Page Download Datasheet
RBA013N08R1SBPW Datasheet PDF - Renesas Technology Corp

Part # RBA013N08R1SBPW
Download  RBA013N08R1SBPW Click to download

File Size   497.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80 V - 340 A - 1.3 mΩ - TOLT for Automotive

RBA013N08R1SBPW Datasheet (HTML) - Renesas Technology Corp


RBA013N08R1SBPW Product details

• Standard level gate drive voltage: VGS(th) = 2.0 to 4.0 V
• Super low on-state resistance: RDS(on) = 1.3 m Max.
• Low input capacitance
• Low thermal resistance
• 100% Avalanche tested
• AEC-Q101 qualified, PPAP capable
• Pb-free lead plating: RoHS compliant
• MSL1 classified according to IPC/JEDEC J-STD-020




Similar Part No. - RBA013N08R1SBPW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA013N08R1SBQ4 RENESAS-RBA013N08R1SBQ4 Datasheet
462Kb / 9P
80 V - 340 A - 1.3 mΩ - TOLL for Automotive
Oct.15.2025
More results


Similar Description - RBA013N08R1SBPW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
STMicroelectronics
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Nexperia B.V. All right...
BUK9Y1R3-40H NEXPERIA-BUK9Y1R3-40H Datasheet
275Kb / 12P
N-channel 40 V, 1.3 mΩ logic level MOSFET in LFPAK56
31 May 2018
PSMN1R3-30YL NEXPERIA-PSMN1R3-30YL Datasheet
724Kb / 14P
N-channel 30 V 1.3 mΩ logic level MOSFET in LFPAK
Rev. 02 - 25 June 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com