Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC6978X-5 Datasheet (PDF) - Potens Semiconductor Corp.

PDC6978X-5 Datasheet PDF - Potens Semiconductor Corp.
Part # PDC6978X-5
Download  PDC6978X-5 Download
File Size   812.28 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 65V N-Channel MOSFETs

PDC6978X-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC6978X-5 Datasheet PDF - Potens Semiconductor Corp.

Part # PDC6978X-5
Download  PDC6978X-5 Click to download

File Size   812.28 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 65V N-Channel MOSFETs

PDC6978X-5 Datasheet (HTML) - Potens Semiconductor Corp.


PDC6978X-5 Product details

Features
- 65V,110A, RDS(ON) =3.5mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications
- Quick Charger




Similar Part No. - PDC6978X-5

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDC6978BX-5 POTENS-PDC6978BX-5 Datasheet
1Mb / 6P
65V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDC6978X-5

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
HY ELECTRONIC CORP.
HY80N07T HY-HY80N07T Datasheet
228Kb / 4P
65V / 80A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM070N07PQ56 TSC-TSM070N07PQ56 Datasheet
487Kb / 6P
65V N-Channel MOSFET
logo
PFC Device Inc.
PRM2R8N06N5 PFC-PRM2R8N06N5 Datasheet
858Kb / 8P
65V Single N-Channel MOSFET
PRM3R3N06CT PFC-PRM3R3N06CT Datasheet
898Kb / 8P
65V Single N-Channel MOSFET
PRM3R5N06D PFC-PRM3R5N06D Datasheet
875Kb / 8P
65V Single N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK6982DFN56 FS-FTK6982DFN56 Datasheet
1Mb / 5P
65V N-Channel MOSFETs
FTK6986Z-5 FS-FTK6986Z-5 Datasheet
1Mb / 5P
65V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBB6506 FETEK-FKBB6506 Datasheet
1Mb / 4P
N-CH 65V Fast Switching MOSFETs
Ver : A
FKBB6566 FETEK-FKBB6566 Datasheet
464Kb / 4P
N-Ch 65V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com