Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLLC24I Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

DLLC24I Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # DLLC24I
Download  DLLC24I Download
File Size   2765.78 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 1-line Low Capacitance Uni-directional TVS Diode

DLLC24I Datasheet (PDF)

Go To PDF Page Download Datasheet
DLLC24I Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # DLLC24I
Download  DLLC24I Click to download

File Size   2765.78 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 1-line Low Capacitance Uni-directional TVS Diode

DLLC24I Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


DLLC24I Product details

Description
DLLCxxI a 3.3V~ 24V uni-directional TVS diode,
utilizing leading monolithic silicon technology to
provide fast response time and low ESD clamping
voltage, making this device an ideal solution for
protecting voltage sensitive high-speed data lines.
The DLLCxxI has a low capacitance with a typical
value at 1pF,and complies with the IEC 61000-4-2
(ESD) standard with ±30kV air and ±30kV contact
discharge. It is assembled into a lead-free SOD-323
package. The small size, low capacitance and high
ESD surge protection make DLLCxxI an ideal
choice to protect cell phone, wireless systems, and
communication equipment.

Features
 350W peak pulse power (8/20μs)
 Ultra low capacitance :1.0pF typical
 Ultra low leakage:nA level
 Low Operating:3.3V,5V,8V,12V,15V, 18V, 24V
 Low clamping voltage
 Protects one power line or data line
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
 RoHS Compliant

Applications
 USB Ports
 Smart Phones
 Wireless Systems
 Ethernet 10/100/1000 Base T




Similar Part No. - DLLC24I

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DLL-048R-2.14G MERRIMAC-DLL-048R-2.14G Datasheet
107Kb / 2P
DELAY LINE
DLL-057R-0.94G MERRIMAC-DLL-057R-0.94G Datasheet
124Kb / 2P
DELAY LINE
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
DELAY LINE
DLL-100R-2.14G MERRIMAC-DLL-100R-2.14G Datasheet
136Kb / 2P
DELAY LINE
DLL-113R-0.88G MERRIMAC-DLL-113R-0.88G Datasheet
115Kb / 1P
DELAY LINE
More results


Similar Description - DLLC24I

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD4521C LEIDITECH-ESD4521C Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD4521CH LEIDITECH-ESD4521CH Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD4521CM LEIDITECH-ESD4521CM Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD3342CL LEIDITECH-ESD3342CL Datasheet
328Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0501DN LEIDITECH-ULC0501DN Datasheet
240Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0501P LEIDITECH-ULC0501P Datasheet
247Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0511DN LEIDITECH-ULC0511DN Datasheet
316Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC1642C LEIDITECH-ULC1642C Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD5V3U1U-02LRH LEIDITECH-ESD5V3U1U-02LRH Datasheet
390Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com