Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC05CI Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

LC05CI Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # LC05CI
Download  LC05CI Download
File Size   4312.93 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode

LC05CI Datasheet (PDF)

Go To PDF Page Download Datasheet
LC05CI Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # LC05CI
Download  LC05CI Click to download

File Size   4312.93 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode

LC05CI Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


LC05CI Product details

APPLICATIONS
USB Ports.
Smart Phones.
Wireless Systems.
Ethernet 10/100/1000 Base T.

FEATURES
350W peak pulse power (8/20μs).
Ultra low capacitance: 1.2pF typical.
Ultra low leakage: nA leel.
Low operating :3.3V ,5V,8V,12V,15V,18V,24V,30V.
Low clamping voltage.
Protects one power line or data line.
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test Air discharge: ±30kV Contact discharge: ±30kV.
– IEC61000-4-4 (EFT) 40A (5/50ns).
RoHS Compliant.
Package: SOD-323.




Similar Part No. - LC05CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC05CI LEIDITECH-LC05CI Datasheet
132Kb / 3P
USB 2.0 power and data line
LC05CIQ LEIDITECH-LC05CIQ Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
More results


Similar Description - LC05CI

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0511D3 APMICRO-AR0511D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0811D3 APMICRO-AR0811D3 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR1211D3 APMICRO-AR1211D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR2411D3 APMICRO-AR2411D3 Datasheet
518Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AU0561P0 APMICRO-AU0561P0 Datasheet
585Kb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
logo
TECH PUBLIC Electronics...
ESD3V3B03-323 TECHPUBLIC-ESD3V3B03-323 Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
TPGC03C-TPGC30C TECHPUBLIC-TPGC03C-TPGC30C Datasheet
3Mb / 6P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
ULC0542CT LEIDITECH-ULC0542CT Datasheet
1Mb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com