Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB310 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

MSB310 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # MSB310
Download  MSB310 Download
File Size   237.84 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A

MSB310 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSB310 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # MSB310
Download  MSB310 Click to download

File Size   237.84 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A

MSB310 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


MSB310 Product details

GENERAL DESCRIPTION
Suitable for AC-to-DC bridge full wave rectification
for SMPS, LED lighting, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.

FEATURES
Compact, thin profile package design
Ideal for SMT manufacturing
Reliable robust construction
UL recognized file#E364304

MECHANICAL DATA
Molding compound meets UL 94 V-0 flammability rating,
Halogen-free, RoHS-compliant, and commercial grade
Polarity indicator: As marked on body

MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.




Similar Part No. - MSB310

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MSB310 DGNJDZ-MSB310 Datasheet
1Mb / 3P
MSB Plastic-Encapsulate Bridge Rectifier
logo
SeCoS Halbleitertechnol...
MSB310S SECOS-MSB310S Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
MSB310S-C SECOS-MSB310S-C Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
More results


Similar Description - MSB310

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
GOOD-ARK Electronics
GBU8005 GOOD-ARK-GBU8005_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
GBU4005 GOOD-ARK-GBU4005_15 Datasheet
841Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ8A GOOD-ARK-KBJ8A_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBJ2A GOOD-ARK-GBJ2A_15 Datasheet
736Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
KBP005 GOOD-ARK-KBP005_15 Datasheet
708Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
KBJ6005-KBJ610 KINGTRONICS-KBJ6005-KBJ610 Datasheet
366Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
logo
Rectron Semiconductor
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com