Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC2K Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

RFC2K Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # RFC2K
Download  RFC2K Download
File Size   239.7 Kbytes
Page   1 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description HIGH VOLTAGE RECTIFIER Reverse Voltage - 2000 to 4000 Volts Forward Current - 0.2 Ampere

RFC2K Datasheet (PDF)

Go To PDF Page Download Datasheet
RFC2K Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # RFC2K
Download  RFC2K Click to download

File Size   239.7 Kbytes
Page   1 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description HIGH VOLTAGE RECTIFIER Reverse Voltage - 2000 to 4000 Volts Forward Current - 0.2 Ampere

RFC2K Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


RFC2K Product details

FEATURES
Tast switching
Low leakage
high current capabilty
high surge capability
High reliability

MECHANICAL DATA
Case: Molded plastic
Epoxy: ULG4V.0 rate flame retardant

MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz resistive or inductive load
For capacitive load, derate current by 20%.
Lead: MIL-STD- 202E, Method 208 guaranteed
Polarity:Color band denotes cathode end

« Mounting position: Any

+ Weight: 0.35 grams




Similar Part No. - RFC2K

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RFC2K CHONGQING-RFC2K Datasheet
39Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
RFC2K CHONGQING-RFC2K Datasheet
176Kb / 1P
0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
More results


Similar Description - RFC2K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
R2500 RECTRON-R2500_10 Datasheet
413Kb / 5P
HIGH VOLTAGE SILICON RECTIFIER Volts CURRENT 0.2 Ampere
logo
GOOD-ARK Electronics
BY127 GOOD-ARK-BY127_15 Datasheet
113Kb / 2P
High Voltage Glass Passivated Junction Rectifiers Reverse Voltage 1250 to 2000 Volts Forward Current 1.0 Ampere
GI250-1 GOOD-ARK-GI250-1_15 Datasheet
157Kb / 2P
High Voltage Glass Passivated Junction Rectifiers Reverse Voltage 1000 to 4000 Volts Forward Current 0.25 Ampere
R1200F GOOD-ARK-R1200F_15 Datasheet
122Kb / 2P
High Voltage Fast Recovery RectifiersReverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
R1200 GOOD-ARK-R1200_15 Datasheet
116Kb / 2P
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com