Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP15G0402DXB Datasheet (PDF) - Cypress Semiconductor

CYP15G0402DXB Datasheet PDF - Cypress Semiconductor
Part # CYP15G0402DXB
Download  CYP15G0402DXB Download
File Size   615.39 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Quad HOTLink II??SERDES

CYP15G0402DXB Datasheet (PDF)

Go To PDF Page Download Datasheet
CYP15G0402DXB Datasheet PDF - Cypress Semiconductor

Part # CYP15G0402DXB
Download  CYP15G0402DXB Click to download

File Size   615.39 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Quad HOTLink II??SERDES

CYP15G0402DXB Datasheet (HTML) - Cypress Semiconductor


CYP15G0402DXB Product details

Functional Description
The CYP(V)15G0402DXB[1] Quad HOTLink II™ SERDES is a point-to-point communications building block allowing the transfer of preencoded data over high-speed serial links (optical fiber, balanced, and unbalanced copper transmission lines) at signaling speeds ranging from 195 to 1500 MBaud per serial link.

Features
• Second-generation HOTLink® technology
• Compliant to multiple standards
   — Fibre Channel, Gigabit Ethernet (IEEE802.3z), ESCON® and DVB-ASI
   — CYV15G0402DXB compliant to SMPTE 259M and SMPTE 292M
• Quad-channel transceiver operates from 195 to 1500 Mbps serial data rate
   — Aggregate throughput of 12 Gbps
• 10-bit unencoded data transport
• Selectable parity check/generate
• Four independent 10-bit channels with separate Clock and Data Recovery for each channel
• Selectable input clocking options
• MultiFrame™ Receive Framer
   — Comma or full K28.5 detect
   — Single or Multi-Byte framer for byte alignment
   — Low-latency option
• Synchronous LVTTL parallel interface
• Internal phase-locked loops (PLLs) with no external PLL components
• Optional Phase Align Buffer in Transmit Path
• Differential PECL-compatible serial inputs
• Differential PECL-compatible serial outputs
   — Source matched for 50Ω transmission lines
   — No external resistors required
   — Signaling rate controlled edge rates
• Compatible with
   — Fiber-optic modules
   — Copper cables
   — Circuit board traces
• JTAG boundary scan
• Built-In Self-Test (BIST) for at-speed link testing
• Per-channel Link Quality Indicator
   — Analog signal detect
   — Digital signal detect
• Low-power 2.5W @3.3V typical
• Single 3.3V supply
• 256-ball thermally enhanced BGA
• Pb-Free package option available
• 0.25µ BiCMOS technology




Similar Part No. - CYP15G0402DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0402DX CYPRESS-CYP15G0402DX Datasheet
852Kb / 27P
Quad HOTLinkII SERDES
CYP15G0402DX-BGC CYPRESS-CYP15G0402DX-BGC Datasheet
852Kb / 27P
Quad HOTLinkII SERDES
CYP15G0402DX-BGI CYPRESS-CYP15G0402DX-BGI Datasheet
852Kb / 27P
Quad HOTLinkII SERDES
More results


Similar Description - CYP15G0402DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
Independent Clock Quad HOTLink II??Serializer
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
Independent Clock Quad HOTLink II??Deserializing Reclocker
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
Quad HOTLink II??Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
Quad HOTLink II??Transmitter
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
Independent Clock Quad HOTLink II Serializer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com