Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM072CG Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM072CG Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM072CG
Download  NJM072CG Download
File Size   1844.59 Kbytes
Page   21 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS

NJM072CG Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM072CG Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM072CG
Download  NJM072CG Click to download

File Size   1844.59 Kbytes
Page   21 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS

NJM072CG Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM072CG Product details

FEATURES
●Wide Power Supply Range ±4 to ±18V
●Internal ESD Protection
Human Body Model (HBM) ±2000V typ.
●High Input Resistance 1012Ω typ.
●Wide Temperature Range -40°C to 125°C
●Bipolar Technology
●High Slew Rate 13V/μs typ.
●Wide Unity Gain Bandwidth 3MHz typ.
●Package
NJM072C/072CA/082C/082CA SOP8
NJM072C/072CA/082C/082CA SSOP8
NJM074C/074CA/084C/084CA SOP14
NJM074C/074CA/084C/084CA SSOP14




Similar Part No. - NJM072CG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM072CG NJRC-NJM072CG Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Similar Description - NJM072CG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com