Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM358C Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM358C Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM358C
Download  NJM358C Download
File Size   588.07 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power dual operational amplifier

NJM358C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM358C Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM358C
Download  NJM358C Click to download

File Size   588.07 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power dual operational amplifier

NJM358C Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM358C Product details

Features
• Internally frequency-compensated
• Large DC voltage gain : 100dB typ.
• Wide bandwidth (unity gain ) : 1.1MHz typ.
• Low Operating Current : 350 uA/ch typ.
• Low input bias current: : 20nA typ.
• Input common-mode voltage range includes negative rails
• Differential input voltage range equal to the power supply voltage
• Large output voltage swing : 0V to (VCC
+ - 1.5V)
• Internal ESD protection:Human body model (HBM) ±2000V typ.
• Wide power supply range:
- Single supply: +3V to +30V
- Dual supplies: ±1.5V to ±15V
• Input Offset Voltage Grade




Similar Part No. - NJM358C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM358C NJRC-NJM358C Datasheet
587Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CA NJRC-NJM358CA Datasheet
587Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CAG NJRC-NJM358CAG Datasheet
587Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CAV NJRC-NJM358CAV Datasheet
587Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CG NJRC-NJM358CG Datasheet
587Kb / 10P
Low power dual operational amplifier
ver.10
More results


Similar Description - NJM358C

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com