Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX708-Q1 Datasheet (PDF) - Texas Instruments

MUX708-Q1 Datasheet PDF - Texas Instruments
Part # MUX708-Q1
Download  MUX708-Q1 Download
File Size   2355.63 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX708-Q1 Automotive 44V, low Ron, 8:1 multiplexer with 1.8V logic

MUX708-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUX708-Q1 Datasheet PDF - Texas Instruments

Part # MUX708-Q1
Download  MUX708-Q1 Click to download

File Size   2355.63 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MUX708-Q1 Automotive 44V, low Ron, 8:1 multiplexer with 1.8V logic

MUX708-Q1 Datasheet (HTML) - Texas Instruments


MUX708-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature
– Device HBM classification level H1C
– Device CDM classification level C3
• Latch-up immune
• Dual supply range: ±4.5V to ±22V
• Single supply range: 4.5V to 44V
• Low on-resistance: 4Ω
• Low charge injection: 3pC
• High current support: 400mA (maximum) (WQFN)
• High current support: 300mA (maximum) (TSSOP)
• –40°C to +125°C operating temperature
• 1.8V logic compatible inputs
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching

2 Applications
• Body Control Module (BCM)
• LIDAR Module
• Zone Control Modules (ZCU)
• HEV/EV Battery Management Systems (BMS)
• Advanced Driver Assistance Systems (ADAS)
• Analog and Digital Multiplexing / Demultiplexing
• EV Charging Systems
• Telematics
• Infotainment

3 Description
The MUX708-Q1 is an 8:1, 1 channel multiplexer
featuring low on resistance. The device works with a
single supply (4.5V to 44V), dual supplies (±4.5V to
±22V), or asymmetric supplies (such as VDD = 12V,
VSS = –5V). The MUX708-Q1 support bidirectional
analog and digital signals on the source (Sx) and
drain (D) pins ranging from VSS to VDD.
The MUX708-Q1 has low on and off leakage currents
allowing it to be used in high precision measurement
applications. The MUX708-Q1 provides latch-up
immunity, preventing undesirable high current events
between parasitic structures within the device typically
caused by overvoltage events. A latch-up condition
typically continues until the power supply rails are
turned off and can lead to device failure. The latch-up
immunity feature allows the MUX708-Q1 to be used in
harsh environments.




Similar Part No. - MUX708-Q1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MUX MERITEK-MUX Datasheet
332Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
Analog Devices
MUX-08 AD-MUX-08 Datasheet
519Kb / 12P
8-Chan/dual 4-Chan JFET Analog Multiplexers(Overvoltage & Power Supply loss Protected)
MUX-08 AD-MUX-08 Datasheet
3Mb / 12P
8-Chan JFET Analog Multiplexers
REV. B
MUX-08AQ AD-MUX-08AQ Datasheet
519Kb / 12P
8-Chan/dual 4-Chan JFET Analog Multiplexers(Overvoltage & Power Supply loss Protected)
MUX-08BQ AD-MUX-08BQ Datasheet
519Kb / 12P
8-Chan/dual 4-Chan JFET Analog Multiplexers(Overvoltage & Power Supply loss Protected)
More results


Similar Description - MUX708-Q1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2034 PROTEC-PA2034 Datasheet
273Kb / 9P
Single 4:1 Low RON Multiplexer
logo
Texas Instruments
TMUX1208-Q1 TI-TMUX1208-Q1 Datasheet
1Mb / 32P
TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
SN74HCS151-Q1 TI-SN74HCS151-Q1 Datasheet
679Kb / 19P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS251-Q1 TI-SN74HCS251-Q1 Datasheet
1Mb / 24P
SN74HCS251-Q1 Automotive 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
SN74HCS251-Q1 TI-SN74HCS251-Q1_V01 Datasheet
1Mb / 26P
SN74HCS251-Q1 Automotive 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
SN74HCS151-Q1 TI-SN74HCS151-Q1_V01 Datasheet
2Mb / 39P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
logo
Diodes Incorporated
PS4157N DIODES-PS4157N Datasheet
455Kb / 2P
Low RON , 2:1 SPDT Switch for Negative Signal/Power Rails with 1.8V Logic Control Simplifies PA Control
logo
Texas Instruments
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com