Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP422-Q1 Datasheet (PDF) - Texas Instruments

TMP422-Q1 Datasheet PDF - Texas Instruments
Part # TMP422-Q1
Download  TMP422-Q1 Download
File Size   1654.99 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor

TMP422-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP422-Q1 Datasheet PDF - Texas Instruments

Part # TMP422-Q1
Download  TMP422-Q1 Click to download

File Size   1654.99 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor

TMP422-Q1 Datasheet (HTML) - Texas Instruments


TMP422-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Supply range: 1.62V to 5.5V
• Wide operating range: –40°C to 125°C
• Remote channel accuracy: 0.8°C
– Resolution: 12-bit (0.0625°C)
• Local channel accuracy: 1°C
– Resolution: 8-bit (1°C)
• Support I2C and SMBus interface
• Low power consumption
• Additional features for improved temperature
measurement accuracy:
– Diode non-ideality factor (η-factor) correction
– Series resistance cancellation
– Programmable digital filter
• Remote diode fault detection
• 1.2V logic-compatible input thresholds
independent of supply
• Footprint compatible with the TMP432

2 Applications
• HVAC
• Automotive infotainment systems
• Lighting
• ADAS
• Telematics control unit temperature monitoring
• Body Electronics
• Engine Control

3 Description
The TMP4719-Q1 device is a high-accuracy 0.8°C
temperature sensor with one local integrated sensor
and two remote temperature sensor channels that
can be connected to diode-connected transistors,
such as the popular MMBT3904 NPN transistor,
to replace traditional thermistors or thermocouples.
The remote channels can also be connected to
a substrate thermal transistor or diode integrated
inside microprocessors, microcontrollers, or FPGAs to
monitor the die temperature of the IC.
The TMP4719-Q1 supports series resistance
cancellation, programmable ideality factor (η-factor),
configurable temperature limits, and programmable
digital filters to improve the noise immunity and
provide a robust design for complex thermal
environment monitoring applications. The device
supports I2C and SMBus communication with logic
levels down to 1.2V regardless of the main supply
rail, enabling interoperability with low-voltage MCUs
without needing a secondary low-voltage supply or a
bus level shifter.




Similar Part No. - TMP422-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422-Q1 TI1-TMP422-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP422-Q1 TI2-TMP422-Q1 Datasheet
719Kb / 36P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
TMP422-Q1 TI2-TMP422-Q1 Datasheet
732Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
TMP422-Q1 TI2-TMP422-Q1 Datasheet
1,003Kb / 31P
±1°C REMOTE TEMPERATURE AND ±2.5°C LOCAL TEMPERATURE SENSOR IN SOT23-8
SEPTEMBER 2011
TMP422-Q1 TI2-TMP422-Q1 Datasheet
731Kb / 37P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
More results


Similar Description - TMP422-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com