Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2740 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2740 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2740
Download  NJM2740 Download
File Size   760.8 Kbytes
Page   17 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Dual Operational Amplifier

NJM2740 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2740 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2740
Download  NJM2740 Click to download

File Size   760.8 Kbytes
Page   17 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Dual Operational Amplifier

NJM2740 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2740 Product details

FEATURES(V+/V-=±2.5V, typical value)
●Low Noise 6.5n/√Hz
●High Slew Rate 4V/μs
●Wide Bandwidth 12MHz
●Low Distortion 0.002%
●Supply Voltage
Dual Supply ±1.1V to ±3.5V
Single Supply 2.2V to 7V
●Low Saturation (RL=2.5kΩ) ±2.2V typ.
●Operating Temperature -40°C to 125°C
●Bipolar Technology
●PackageOutline DMP8, SSOP8,
MSOP8 (TVSP8)*
*meet JEDECMO-187-DA / thin type




Similar Part No. - NJM2740

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - NJM2740

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com