Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2748AM Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2748AM Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2748AM
Download  NJM2748AM Download
File Size   535.41 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Offset, Low Drift single JFET Input Operational Amplifier

NJM2748AM Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2748AM Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2748AM
Download  NJM2748AM Click to download

File Size   535.41 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Offset, Low Drift single JFET Input Operational Amplifier

NJM2748AM Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2748AM Product details

■FEATURES
●Input Offset Voltage Drift NJM2748: ΔVIO/ΔT= 6μV/°C typ.
NJM2748A: ΔVIO/ΔT=20μV/°C max.
●Input Offset Voltage 2.0mV max. @Ta=25°C ~ 85°C
3.0mV max. @Ta= -40°C
●Input Bias Current IB= 50pA typ. 200pA max. @Ta=25°C
●Slew Rate SR=13V/μs typ. @Ta=25°C
●Operating Voltage Vopr= ±6.0V ~ ±16V
●Voltage Gain Av=100dB typ.
●Bipolar Technology
•Package Outline NJM2748D, NJM2748AD :DIP8
NJM2748M, NJM2748AM :DMP8




Similar Part No. - NJM2748AM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2748AM NJRC-NJM2748AM Datasheet
309Kb / 13P
Low Offset, Low Drift single JFET Input Operational Amplifier
Ver.2007-05-24
More results


Similar Description - NJM2748AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2748 NJRC-NJM2748 Datasheet
309Kb / 13P
Low Offset, Low Drift single JFET Input Operational Amplifier
Ver.2007-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com