Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002L-Q1 Datasheet (PDF) - Texas Instruments

2N7002L-Q1 Datasheet PDF - Texas Instruments
Part # 2N7002L-Q1
Download  2N7002L-Q1 Download
File Size   1085.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2N7002L 6V N-channel MOSFET

2N7002L-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002L-Q1 Datasheet PDF - Texas Instruments

Part # 2N7002L-Q1
Download  2N7002L-Q1 Click to download

File Size   1085.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2N7002L 6V N-channel MOSFET

2N7002L-Q1 Datasheet (HTML) - Texas Instruments


2N7002L-Q1 Product details

1 Features
• Low On-Resistantance
• Low Gate Threshold Voltage
• Low Input Capacitance
• Fast Switching Speed
• Operating Junction and Storage Temperature:
– –65°C to +150°C
• 2kV Gate-Source ESD Rating

2 Applications
• Personal Electronics
• Building Automation
• Industrial Automation

3 Description
This device is a N-channel Field-Effect Transistor in a
plastic package. It has been designed to minimize the
on-state resistance while maintaining fast switching
performance.




Similar Part No. - 2N7002L-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
2N7002L-Q1 TI2-2N7002L-Q1 Datasheet
833Kb / 15P
2N7002L-Q1 6V N-channel MOSFET
DECEMBER 2025
2N7002L-Q1 TI2-2N7002L-Q1 Datasheet
1Mb / 25P
2N7002L 6V N-channel MOSFET
REVISED FEBRUARY 2026
More results


Similar Description - 2N7002L-Q1

ManufacturerPart #DatasheetDescription
logo
Rohm
BA526 ROHM-BA526 Datasheet
69Kb / 3P
6V/430mW single-channel power amplifier
BA546 ROHM-BA546 Datasheet
156Kb / 6P
6V/330mW single-channel power amplifier
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
logo
Linear Technology
LTC1163 LINER-LTC1163_15 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com