Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD762DBZR Datasheet (PDF) - Texas Instruments

ESD762DBZR Datasheet PDF - Texas Instruments
Part # ESD762DBZR
Download  ESD762DBZR Download
File Size   1946.28 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD762 24V, 2-Channel, ESD Protection With 2.5A of 8/20μs Surge Protection in a SOT-23 Package

ESD762DBZR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD762DBZR Datasheet PDF - Texas Instruments

Part # ESD762DBZR
Download  ESD762DBZR Click to download

File Size   1946.28 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD762 24V, 2-Channel, ESD Protection With 2.5A of 8/20μs Surge Protection in a SOT-23 Package

ESD762DBZR Datasheet (HTML) - Texas Instruments


ESD762DBZR Product details

1 Features
• Robust surge protection:
– IEC 61000-4-5 (8/20μs): 2.5A
• IEC 61000-4-2 level 4 ESD protection:
– ±18kV contact discharge
– ±18kV air-gap discharge
• 24V working voltage
• Bidirectional ESD protection
• 2-channel device provides complete ESD and
surge protection with single component
• Low clamping voltage protects downstream
components
• I/O capacitance = 1.7pF (typical)
• SOT-23 (DBZ) small, standard, common footprint
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• USB power delivery (USB-PD):
– VBUS protection
– IO protection (withstand short to VBUS)
• Industrial control networks:
– Smart distribution system (SDS)
– DeviceNet IEC 62026-3
– CANopen – CiA 301/302-2 and EN 50325-4
– 4/20mA circuits
– PLC surge protection
– ADC surge protection

3 Description
ESD762 is a bidirectional ESD protection diode
for USB power delivery (USB-PD) and industrial
interfaces. ESD762 is rated to dissipate contact ESD
that meets or exceeds the maximum level specified in
the IEC 61000-4-2 level 4 standard (±18kV contact
and ±18kV airgap). The low dynamic resistance
and low clamping voltage enables system level
protection against transient events. This protection is
key because industrial systems require a high level of
robustness and reliability.
These devices feature a low IO capacitance per
channel and a pin-out to suit two IO lines from
damage caused by electrostatic discharge (ESD)
and other transients. The IPP = 2.5A (8/20μs surge
waveform) capability of the ESD762 makes it suitable
for protecting USB VBUS against transient surge
events as well as industrial I/O lines. Additionally, the
1.7pF line capacitance of the ESD762 is suitable for
protecting the slower speed signals for USB power
delivery and IO signals for industrial applications.
The ESD762 are offered in the SOT-23 package for
easy flow through routing.




Similar Part No. - ESD762DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD762DBZR TI-ESD762DBZR Datasheet
1Mb / 25P
ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED NOVEMBER 2022
More results


Similar Description - ESD762DBZR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
Two-Line ESD-Protection in SOT-23
01-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
Single-Line ESD Protection in SOT-23
17-Apr-2019
logo
Texas Instruments
ESD752 TI-ESD752 Datasheet
1Mb / 22P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection with 6A of 8/20 關s Surge Protection in a SOT-23 and SOT-323, SC-70 Package
MAY 2022
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
ESD752 TI-ESD752_V01 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
ESD752 TI-ESD752_V02 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
ESD752 TI-ESD752_V03 Datasheet
1Mb / 25P
ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED NOVEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com