Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T550 Datasheet (PDF) - Kemet Corporation

T550 Datasheet PDF - Kemet Corporation
Part # T550
Download  T550 Download
File Size   1034.51 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum Polymer Capacitors – Hermetically Sealed

T550 Datasheet (PDF)

Go To PDF Page Download Datasheet
T550 Datasheet PDF - Kemet Corporation

Part # T550
Download  T550 Click to download

File Size   1034.51 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum Polymer Capacitors – Hermetically Sealed

T550 Datasheet (HTML) - Kemet Corporation


T550 Product details

Benefits
• Includes F-Tech anode which eliminates hidden defects in the dielectric
• 100% simulated breakdown screening
• Maximum operating temperature of +105°C
• DLA drawing 13030 qualified parts available
• Polymer cathode technology
• Extremely low ESR
• High frequency and low temperature capacitance retention
• 100% constant voltage conditioning (240 hours)
• 100% surge current tested
• Volumetrically efficient
• Non-ignition failure mode
• Approximately 25% lighter than equivalent wet tantalum
• T555 surface mount design (see dimensions diagram)

Applications
Typical applications include high voltage power management, such as buck/boost converters, filtering, hold-up capacitors, and other high ripple current applications.




Similar Part No. - T550

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T5500 INTEL-T5500 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Ashcroft, Inc.
T5500 ASHCROFT-T5500 Datasheet
1Mb / 6P
T5500/T6500 Pressure Gauges
RevN_02-13-24
T5500E ASHCROFT-T5500E Datasheet
810Kb / 4P
T5500E Process Gauge with Integrated Pressure Transmitter
RevC_05-24-23
logo
Kemet Corporation
T550B107K006AH4251 KEMET-T550B107K006AH4251 Datasheet
1Mb / 12P
Includes F-Tech anode which eliminates hidden defects
T550B107K006AT4251 KEMET-T550B107K006AT4251 Datasheet
1Mb / 12P
Includes F-Tech anode which eliminates hidden defects
More results


Similar Description - T550

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
25-Jul-11
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com