Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMT2 Datasheet (PDF) - Delta Electronics, Inc.

PMT2 Datasheet PDF - Delta Electronics, Inc.
Part # PMT2_V03
Download  PMT2 Download
File Size   1232.7 Kbytes
Page   12 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description PMT2 Panel Mount Power Supply

PMT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMT2 Datasheet PDF - Delta Electronics, Inc.

Part # PMT2_V03
Download  PMT2 Click to download

File Size   1232.7 Kbytes
Page   12 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description PMT2 Panel Mount Power Supply

PMT2 Datasheet (HTML) - Delta Electronics, Inc.


PMT2 Product details

Highlights & Features
• Household appliance approvals for pollution degree 3 to
IEC/EN 60335-1, IEC/EN 61558-1 and IEC/EN 61558-2-16
• AC input voltage range selectable by switch (90-132 Vac,
180-264 Vac)
• No load power consumption < 0.5 W
• Low profile design: 30 mm height
• Over voltage category III
• Wide operating temp -30°C ~70°C (Support -40°C cold start)
• Conforms to harmonic current IEC/EN/BS EN 61000-3-2,
Class A
• High MTBF > 700,000 hrs per Telcordia SR-332

General Description
PMT 2nd generation (PMT2) power supplies is designed with low profile, offers selectable AC switch input with nominal output voltage.
The highly efficient convection cooling construction can operate from -30°C to 70°C. The single output is specifically designed with
compact and competitively priced for household electrical appliances safety approvals to pollution degree 3 as well as including IEC/EN
60335-1, IEC/EN 61558-2-16, IEC 60950-1 & IEC/EN/UL 62368-1 .




Similar Part No. - PMT2_V03

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT2 DELTA-PMT2_V01 Datasheet
1Mb / 11P
PMT2 Panel Mount Power Supply
October 2020, Rev. 06
PMT2 DELTA-PMT2_V02 Datasheet
1Mb / 11P
PMT2 Panel Mount Power Supply
June 2021, Rev. 00
More results


Similar Description - PMT2_V03

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
PMC Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
PMC Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
PMT Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
PMT Panel Mount Power Supply
PMF-5V320WCXX DELTA-PMF-5V320WCXX Datasheet
1Mb / 13P
PMF Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com