Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM8530 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM8530 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM8530
Download  NJM8530 Download
File Size   1297.77 Kbytes
Page   31 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 14V, Low Noise, Low Power, Rail-to-Rail Input/Output, Operational Amplifier

NJM8530 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8530 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM8530
Download  NJM8530 Click to download

File Size   1297.77 Kbytes
Page   31 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 14V, Low Noise, Low Power, Rail-to-Rail Input/Output, Operational Amplifier

NJM8530 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM8530 Product details

FEATURES
●Supply Voltage 1.8V to 14V
●Low Noise 10nV/√Hz at 1kHz
●Low Supply Current (All Amplifiers)
NJM8530 320μA typ.
NJM8532 580μA typ.
NJM8534 1200μA typ.
●Rail-to-Rail Input and Output
●GBW 1MHz
●Slew Rate 0.4V/μs
●Capacitive Load Drive 1000pF
●Unity Gain Stable
●Package
NJM8530 SOT-23-5
NJM8532 DMP8, SSOP8, MSOP8 (TVSP8)
NJM8534 SSOP14




Similar Part No. - NJM8530

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8530 NJRC-NJM8530 Datasheet
1Mb / 18P
14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
logo
Nisshinbo Micro Devices...
NJM8530-T1 NISSHINBO-NJM8530-T1 Datasheet
1Mb / 24P
14V Operating, Low Noise, Low Supply Current, Rail-to-Rail Input/output Operational Amplifiers
Ver.1.1
NJM8530F-T1 NISSHINBO-NJM8530F-T1 Datasheet
1Mb / 24P
14V Operating, Low Noise, Low Supply Current, Rail-to-Rail Input/output Operational Amplifiers
Ver.1.1
More results


Similar Description - NJM8530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
REV. C
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com