Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7014 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7014 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU7014
Download  NJU7014 Download
File Size   386.1 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER

NJU7014 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7014 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU7014
Download  NJU7014 Click to download

File Size   386.1 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER

NJU7014 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7014 Product details

■ FEATURES
● Single Power Supply
● Wide Operating Voltage VDD=1~5.5V
● Wide Output Swing Range VOM=2.9V min. (@ VDD=3.0V)
● Low Operating Current
● Low Bias Current IIB=1pA typ.
● Compensation Capacitor Incorporated
● C-MOS Technology
●Package Outline
NJU7015D,NJU7016D:DIP8
NJU7014M,NJU7015M,NJM7016M:DMP8
NJU7014V,NJU7015V,NJM7016V:SSOP8
NJU7014R,NJU7015R,NJM7016R:MSOP8(VSP8) MEET JEDEC MO-187-DA
NJU7014RB1,NJU7015RB1,NJM7016RB1:MSOP8(VSP8) MEET JEDEC MO-187-DA / THIN TYPE




Similar Part No. - NJU7014

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7014 NJRC-NJU7014 Datasheet
264Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER???
NJU7014 NJRC-NJU7014 Datasheet
312Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER
Ver.2012-09-17
NJU7014M NJRC-NJU7014M Datasheet
312Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER
Ver.2012-09-17
NJU7014R NJRC-NJU7014R Datasheet
312Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER
Ver.2012-09-17
NJU7014RB1 NJRC-NJU7014RB1 Datasheet
312Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER
Ver.2012-09-17
More results


Similar Description - NJU7014

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7001 NJRC-NJU7001 Datasheet
182Kb / 6P
LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7011 NJRC-NJU7011 Datasheet
260Kb / 9P
LOW-POWER TINY SINGLE C-MOS OPERATIONAL AMPLIFIER?
NJU7014 NJRC-NJU7014 Datasheet
264Kb / 9P
LOW-POWER DUAL C-MOS OPERATIONAL AMPLIFIER???
NJU7018 NJRC-NJU7018 Datasheet
116Kb / 4P
LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER????
NJU7019 NJRC-NJU7019 Datasheet
58Kb / 2P
LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER??????
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7031 NJRC-NJU7031 Datasheet
226Kb / 6P
LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7082B NJRC-NJU7082B Datasheet
188Kb / 5P
DUAL LOW VOLTAGE C-MOS POWER AMPLIFIER???????
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com