Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S Datasheet (PDF) - Renesas Technology Corp

7024S Datasheet PDF - Renesas Technology Corp
Part # 7024S
Download  7024S Download
File Size   300.87 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM

7024S Datasheet (PDF)

Go To PDF Page Download Datasheet
7024S Datasheet PDF - Renesas Technology Corp

Part # 7024S
Download  7024S Click to download

File Size   300.87 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM

7024S Datasheet (HTML) - Renesas Technology Corp


7024S Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆ High-speed access
– Commercial: 15/17/20/25/35/55ns (max.)
– Industrial: 20ns (max.)
– Military: 20/25/35/55/70ns (max.)
◆ Low-power operation
– IDT7024S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7024L
Active: 750mW (typ.)
Standby: 1mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed
bus compatibility




Similar Part No. - 7024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024S15FGB8 IDT-7024S15FGB8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGB8 IDT-7024S15FGB8 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGI8 IDT-7024S15FGI8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGI8 IDT-7024S15FGI8 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15GGB8 IDT-7024S15GGB8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - 7024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com