Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50311 Datasheet (PDF) - VISATON GmbH & Co. KG

50311 Datasheet PDF - VISATON GmbH & Co. KG
Part # 50311
Download  50311 Download
File Size   74.78 Kbytes
Page   2 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description WB 13 100 V/8 OHM (white)

50311 Datasheet (PDF)

Go To PDF Page Download Datasheet
50311 Datasheet PDF - VISATON GmbH & Co. KG

Part # 50311
Download  50311 Click to download

File Size   74.78 Kbytes
Page   2 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description WB 13 100 V/8 OHM (white)

50311 Datasheet (HTML) - VISATON GmbH & Co. KG


50311 Product details

applications:
facilities
Multimedia
use




Similar Part No. - 50311

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503110-2000 MOLEX11-503110-2000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock 20 Circuits
503110-2000 MOLEX11-503110-2000 Datasheet
41Kb / 1P
1.25mm Pitch Duo-Clasp??Wire-to-Board Housing, Dual Row, Positive Lock, 20
503110-3000 MOLEX11-503110-3000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock, 30 Circuits
503110-3000 MOLEX11-503110-3000 Datasheet
41Kb / 1P
1.25mm Pitch Duo-Clasp??Wire-to-Board Housing, Dual Row, Positive Lock, 30
503110-4000 MOLEX11-503110-4000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock, 40 Circuits
More results


Similar Description - 50311

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
logo
FCI connector
HM1L44ABP000H6PLF FCI-CONNECTOR-HM1L44ABP000H6PLF Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
C-8626-0157 FCI-CONNECTOR-C-8626-0157 Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
logo
ON Semiconductor
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB6448ANG ONSEMI-NTB6448ANG Datasheet
150Kb / 7P
N-Channel Power MOSFET 100 V, 76 A, 13 m
October, 2009 ??Rev. 0
logo
Adels-Contact
314013 ADELS-314013 Datasheet
111Kb / 1P
GSK 720 V/13
logo
ON Semiconductor
NVTFS070N10MCL ONSEMI-NVTFS070N10MCL Datasheet
263Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 65 m, 13 A
February, 2022 - Rev. 0
logo
PHOENIX CONTACT
1707561 PHOENIX-1707561 Datasheet
524Kb / 13P
PTF 0,3/ 4-WB-8-H - Cable set
1707558 PHOENIX-1707558 Datasheet
509Kb / 13P
PTF 0,3/ 2-WB-8-H - Cable set
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com