Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-SRN26 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

PS-SRN26 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # PS-SRN26
Download  PS-SRN26 Download
File Size   40.06 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description PS series SEN type (2.54 mm Pitch, F.R.C. Connector)

PS-SRN26 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-SRN26 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # PS-SRN26
Download  PS-SRN26 Click to download

File Size   40.06 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description PS series SEN type (2.54 mm Pitch, F.R.C. Connector)

PS-SRN26 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.


PS-SRN26 Product details

Features
Board to wire connector, F.R.C. insulation displacement, 2.54mm pitch, 2 rows, 26 pos., Strain relief




Similar Part No. - PS-SRN26

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
PS-SRN20 JAE-PS-SRN20 Datasheet
40Kb / 3P
PS series SEN type (2.54 mm Pitch, F.R.C. Connector)
More results


Similar Description - PS-SRN26

ManufacturerPart #DatasheetDescription
logo
3M Electronics
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
26-Nov-2012
logo
List of Unclassifed Man...
SX1100-A ETC2-SX1100-A Datasheet
27Kb / 2P
Mini Shunt, 2.54 mm Pitch
logo
Precid-Dip Durtal SA
714-87-108-41-001101 PREDIP-714-87-108-41-001101 Datasheet
22Kb / 3P
Single row 2.54 mm, Carrier
logo
Lumberg
2.54MKB LUMBERG-2.54MKB Datasheet
209Kb / 3P
Shorting links, pitch 2.5/2.54 mm
2.54MKBL LUMBERG-2.54MKBL Datasheet
741Kb / 3P
Shorting links, pitch 2.5/2.54 mm
414301 LUMBERG-414301 Datasheet
945Kb / 3P
Shorting links, pitch 2.5/2.54 mm
logo
Suntsu Electronics, Inc...
SATCA-6A5AF-UWB1 SUNTSU-SATCA-6A5AF-UWB1 Datasheet
1,019Kb / 3P
Automotive Sen
logo
Wurth Elektronik GmbH &...
619119122030 WURTH-619119122030 Datasheet
426Kb / 2P
2.54 MM PRE-CRIMPED CONTACT
B 19-DEC-12
logo
Samtec, Inc
MMSD SAMTEC-MMSD Datasheet
260Kb / 1P
(2.54 mm) .100
Rev 21DEC21
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com