Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW324DT Datasheet (PDF) - Numonyx B.V

M29DW324DT Datasheet PDF - Numonyx B.V
Part # M29DW324DT
Download  M29DW324DT Download
File Size   1290.01 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory

M29DW324DT Datasheet (PDF)

Go To PDF Page Download Datasheet
M29DW324DT Datasheet PDF - Numonyx B.V

Part # M29DW324DT
Download  M29DW324DT Click to download

File Size   1290.01 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory

M29DW324DT Datasheet (HTML) - Numonyx B.V


M29DW324DT Product details

SUMMARY DESCRIPTION
The M29DW324D is a 32 Mbit (4Mb x8 or 2Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VCC = 2.7V to 3.6V for Program, Erase and Read
    – VPP =12V for Fast Program (optional)
■ ACCESS TIME: 70, 90ns
■ PROGRAMMING TIME
    – 10µs per Byte/Word typical
    – Double Word/ Quadruple Byte Program
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 16Mbit+16Mbit
    – Parameter Blocks (Top or Bottom Location)
■ DUAL OPERATIONS
    – Read in one bank while Program or Erase in other
■ ERASE SUSPEND and RESUME MODES
    – Read and Program another Block during
    Erase Suspend
■ UNLOCK BYPASS PROGRAM COMMAND
    – Faster Production/Batch Programming
■ VPP/WP PIN for FAST PROGRAM and WRITE PROTECT
■ TEMPORARY BLOCK UNPROTECTION MODE
■ COMMON FLASH INTERFACE
    – 64 bit Security Code
■ EXTENDED MEMORY BLOCK
    – Extra block used as security block or to store additional information
■ LOW POWER CONSUMPTION
    – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Top Device Code M29DW324DT: 225Ch
    – Bottom Device Code M29DW324DB: 225Dh
    F




Similar Part No. - M29DW324DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29DW324DT70N1 STMICROELECTRONICS-M29DW324DT70N1 Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29DW324DT70N1E STMICROELECTRONICS-M29DW324DT70N1E Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29DW324DT70N1F STMICROELECTRONICS-M29DW324DT70N1F Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29DW324DT70N1T STMICROELECTRONICS-M29DW324DT70N1T Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
More results


Similar Description - M29DW324DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
25-Jun-2003
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com