Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85364900 Datasheet (PDF) - ABB

85364900 Datasheet PDF - ABB
Part # 85364900
Download  85364900 Download
File Size   102.56 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description A26-30-10 110V 50Hz / 110-120V 60Hz Contactor

85364900 Datasheet (PDF)

Go To PDF Page Download Datasheet
85364900 Datasheet PDF - ABB

Part # 85364900
Download  85364900 Click to download

File Size   102.56 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description A26-30-10 110V 50Hz / 110-120V 60Hz Contactor

85364900 Datasheet (HTML) - ABB


85364900 Product details

Catalog Description
A26-30-10 110V 50Hz / 110-120V 60Hz Contactor

Long Description
A26 contactors are mainly used for controlling 3-phase motors and generally for controlling power circuits up to 690 V AC or 220 V DC. The contactors can also be used for many other applications such as isolation, capacitor switching, lighting. The A... series 1-stack 3-pole contactors are of the block type design. - Main poles and auxiliary contact blocks: 3 main poles, 1 built-in auxiliary contact, front and side-mounted addon auxiliary contact blocks - Control circuit: AC operated with laminated magnet circuit - Accessories: a wide range of accessories is available.




Similar Part No. - 85364900

ManufacturerPart #DatasheetDescription
logo
ABB
85364900 ABB-85364900 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
85364900 ABB-85364900 Datasheet
54Kb / 3P
EF45-30 Electronic Overload Relay
More results


Similar Description - 85364900

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
logo
Molex Electronics Ltd.
130186-0328 MOLEX11-130186-0328 Datasheet
31Kb / 1P
Ballast Cordset 110V 50HZ, 10.67m for PL-13LA
130190-0051 MOLEX11-130190-0051 Datasheet
38Kb / 1P
Ballast 15W T8 120V 50HZ
logo
TRIAD MAGNETICS
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
Primary Rating:120V 60Hz
WAU200-600-S TRIAD-WAU200-600-S Datasheet
141Kb / 1P
Primary Rating:120V 60Hz
logo
Schneider Electric
9001KR9P38RH25 SCHNEIDER-9001KR9P38RH25 Datasheet
168Kb / 6P
PUSHBUTTON 30MM 110-120V 50-60HZ K
Dec 28, 2021
logo
ABB
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
A16-30-10 ABB-A16-30-10 Datasheet
126Kb / 5P
A16-30-10 220-230V 50Hz / 230-240V 60Hz 2
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com