Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D240-6 Datasheet (PDF) - Klein Tools, Inc.

D240-6 Datasheet PDF - Klein Tools, Inc.
Part # D240-6
Download  D240-6 Download
File Size   100.7 Kbytes
Page   1 Pages
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.
Description Diagonal-Cutting Pliers, High-Leverage, Stripping, 6-Inch

D240-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
D240-6 Datasheet PDF - Klein Tools, Inc.

Part # D240-6
Download  D240-6 Click to download

File Size   100.7 Kbytes
Page   1 Pages
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.
Description Diagonal-Cutting Pliers, High-Leverage, Stripping, 6-Inch

D240-6 Datasheet (HTML) - Klein Tools, Inc.


D240-6 Product details

Application: 16 AWG Solid Wire




Similar Part No. - D240-6

ManufacturerPart #DatasheetDescription
logo
Dubilier
D2400 DUBILIER-D2400 Datasheet
95Kb / 1P
ALKALINE
logo
Microdc power Technolog...
D240303XMD MICRODC-D240303XMD Datasheet
378Kb / 3P
1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
logo
MORNSUN Science& Techno...
D240505(N)S-1W MORNSUN-D240505(N)S-1W Datasheet
319Kb / 3P
UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240505D-1W MORNSUN-D240505D-1W Datasheet
319Kb / 3P
UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240505ND-1W MORNSUN-D240505ND-1W Datasheet
143Kb / 2P
TWIN OUTPUT DC-DC CONVERTER
More results


Similar Description - D240-6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
QUICK-WIREFOX-6-SC PHOENIX-QUICK-WIREFOX-6-SC Datasheet
49Kb / 2P
Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm짼, wire cutting up to 6 mm짼 cable stopper up to 18 mm짼
CUTFOX-CD PHOENIX-CUTFOX-CD Datasheet
49Kb / 2P
Easy, burr-free cutting with minimum effort thanks to the special cutting geometry and optimum leverage
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
1207637 PHOENIX-1207637 Datasheet
49Kb / 2P
Stripping pliers - QUICK WIREFOX 6 SC
1212034 PHOENIX-1212034 Datasheet
69Kb / 4P
Crimping pliers - CRIMPFOX 6
logo
Weidmuller
9005000000 WEIDMULLER-9005000000 Datasheet
274Kb / 4P
Tools, Stripping and cutting tool
November 9, 2021
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com