Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25EU0041A Datasheet (PDF) - Renesas Technology Corp

AT25EU0041A Datasheet PDF - Renesas Technology Corp
Part # AT25EU0041A
Download  AT25EU0041A Download
File Size   2432.1 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, Ultra-Low Energy Serial Flash Memory

AT25EU0041A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25EU0041A Datasheet PDF - Renesas Technology Corp

Part # AT25EU0041A
Download  AT25EU0041A Click to download

File Size   2432.1 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, Ultra-Low Energy Serial Flash Memory

AT25EU0041A Datasheet (HTML) - Renesas Technology Corp


AT25EU0041A Product details

▪ Voltage Range: 1.65 V – 3.6 V
▪ 4-Mbit Flash Memory
▪ Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports single input/output operations (1,1,1)
• Supports dual input and dual output operations (1,1,2), (1,2,2), (0,2,2)
• Supports quad input and quad output operations (1,1,4), (1,4,4), (0,4,4)
▪ 108 MHz Maximum Operating Frequency
▪ Program
• Serial-input Page Program up to 256 bytes
• Dual-Input Page Program up to 256 bytes
• Quad-Input Page Program up to 256 bytes
• Program Suspend and Resume
▪ Erase
• Page erase (256-byte)
• Block erase (4/32/64 kB)
• Full Chip erase
• Erase Suspend and Resume
▪ Program/Erase Speed
• Page Program time: 2 ms typical
• Page Erase time: 8 ms typical
• Block Erase time: 8 ms typical
• Chip Erase time: 8 ms typical
▪ Flexible Architecture: 4/32/64 kB blocks
▪ Software-controlled Reset
▪ Software/Hardware Write Protection




Similar Part No. - AT25EU0041A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25EU0041A RENESAS-AT25EU0041A Datasheet
2Mb / 61P
4-Mbit, Ultra-Low Energy Serial Flash Memory
Aug 31, 2022
More results


Similar Description - AT25EU0041A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
3V Only 4 Mbit Serial Flash Memory
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
2.5V Only 4 Mbit Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
4 Mbit Single Operating Voltage Serial Flash Memory
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
1-Mbit, Ultra-Low Energy Serial Flash Memory
AT25EU0021A DIALOG-AT25EU0021A Datasheet
991Kb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
AT25EU0021A RENESAS-AT25EU0021A Datasheet
2Mb / 58P
2-Mbit, Ultra-Low Energy Serial Flash Memory
May 11, 2022
AT25EU0041A RENESAS-AT25EU0041A Datasheet
2Mb / 61P
4-Mbit, Ultra-Low Energy Serial Flash Memory
Aug 31, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com