Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF321A-SSHN-B Datasheet (PDF) - Renesas Technology Corp

AT25FF321A-SSHN-B Datasheet PDF - Renesas Technology Corp
Part # AT25FF321A-SSHN-B
Download  AT25FF321A-SSHN-B Download
File Size   2370.87 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support

AT25FF321A-SSHN-B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25FF321A-SSHN-B Datasheet PDF - Renesas Technology Corp

Part # AT25FF321A-SSHN-B
Download  AT25FF321A-SSHN-B Click to download

File Size   2370.87 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support

AT25FF321A-SSHN-B Datasheet (HTML) - Renesas Technology Corp


AT25FF321A-SSHN-B Product details

• Voltage Range: 1.65 V - 3.6 V
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports dual output operations (1-1-2)
• Supports quad output operations (1-1-4)
• Supports quad I/O / XiP operations (1-4-4, 0-4-4)
• 133 MHz maximum operating frequency
• Flexible, optimized erase architecture
• 4-kByte block erase
• 32-kByte block erase
• 64-kByte block erase
• Full chip erase
• Flexible programming
• Byte/Page program (1 to 256 Bytes)
• Sequential program mode capability
• Erase program suspend resume
• 1 x 128-byte factory-programmed unique identifier
• 3 x 128-byte, One Time Programmable (OTP) security registers




Similar Part No. - AT25FF321A-SSHN-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF321A-SSHN-B DIALOG-AT25FF321A-SSHN-B Datasheet
1Mb / 119P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
More results


Similar Description - AT25FF321A-SSHN-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF081A DIALOG-AT25FF081A Datasheet
1Mb / 122P
8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25FF321A DIALOG-AT25FF321A Datasheet
1Mb / 119P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25XE041D DIALOG-AT25XE041D Datasheet
1Mb / 127P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE081D DIALOG-AT25XE081D Datasheet
1Mb / 126P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE161D DIALOG-AT25XE161D Datasheet
1Mb / 127P
16-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
AT25XE081D RENESAS-AT25XE081D Datasheet
2Mb / 120P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
2022-08-26
AT25XE321D RENESAS-AT25XE321D Datasheet
2Mb / 113P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Jul 27, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com